Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSR Datasheet(PDF) 58 Page - STMicroelectronics

Part # LSM6DSR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSR Datasheet(HTML) 58 Page - STMicroelectronics

Back Button LSM6DSR Datasheet HTML 54Page - STMicroelectronics LSM6DSR Datasheet HTML 55Page - STMicroelectronics LSM6DSR Datasheet HTML 56Page - STMicroelectronics LSM6DSR Datasheet HTML 57Page - STMicroelectronics LSM6DSR Datasheet HTML 58Page - STMicroelectronics LSM6DSR Datasheet HTML 59Page - STMicroelectronics LSM6DSR Datasheet HTML 60Page - STMicroelectronics LSM6DSR Datasheet HTML 61Page - STMicroelectronics LSM6DSR Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 168 page
background image
9.22
CTRL8_XL (17h)
Control register 8 (r/w)
Table 67. CTRL8_XL register
HPCF_XL_2
HPCF_XL_1
HPCF_XL_0
HP_REF_
MODE_XL
FASTSETTL_
MODE_XL
HP_SLOPE_
XL_EN
0(1)
LOW_PASS_
ON_6D
1. This bit must be set to '0' for the correct operation of the device.
HPCF_XL_[2:0]
Accelerometer LPF2 and HP filter configuration and cutoff setting. Refer to Table 68.
HP_REF_MODE_XL
Enables accelerometer high-pass filter reference mode (valid for high-pass path -
HP_SLOPE_XL_EN bit must be ‘1’). Default value: 0
(0: disabled, 1: enabled(1))
FASTSETTL_MODE_XL
Enables accelerometer LPF2 and HPF fast-settling mode. The filter sets the second samples after
writing this bit. Active only during device exit from power- down mode. Default value: 0
(0: disabled, 1: enabled)
HP_SLOPE_XL_EN
Accelerometer slope filter / high-pass filter selection. Refer to Figure 25.
LOW_PASS_ON_6D
LPF2 on 6D function selection. Refer to Figure 25. Default value: 0
(0: ODR/2 low-pass filtered data sent to 6D interrupt function;
1: LPF2 output data sent to 6D interrupt function)
1. When enabled, the first output data have to be discarded.
Table 68. Accelerometer bandwidth configurations
Filter type
HP_SLOPE_XL_EN
LPF2_XL_EN
HPCF_XL_[2:0]
Bandwidth(1)
Low pass
0
0
-
ODR/2
1
000
ODR/4
001
ODR/10
010
ODR/20
011
ODR/45
100
ODR/100
101
ODR/200
110
ODR/400
111
ODR/800
High pass
1
-
000
SLOPE (ODR/4)
001
ODR/10
010
ODR/20
011
ODR/45
100
ODR/100
101
ODR/200
110
ODR/400
111
ODR/800
1. Typical value for ODR up to 833 Hz.
LSM6DSR
CTRL8_XL (17h)
DS11976 - Rev 2
page 58/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com