Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSR Datasheet(PDF) 16 Page - STMicroelectronics

Part # LSM6DSR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button LSM6DSR Datasheet HTML 12Page - STMicroelectronics LSM6DSR Datasheet HTML 13Page - STMicroelectronics LSM6DSR Datasheet HTML 14Page - STMicroelectronics LSM6DSR Datasheet HTML 15Page - STMicroelectronics LSM6DSR Datasheet HTML 16Page - STMicroelectronics LSM6DSR Datasheet HTML 17Page - STMicroelectronics LSM6DSR Datasheet HTML 18Page - STMicroelectronics LSM6DSR Datasheet HTML 19Page - STMicroelectronics LSM6DSR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 168 page
background image
5
Digital interfaces
5.1
I²C/SPI interface
The registers embedded inside the LSM6DSR may be accessed through both the I²C and SPI serial interfaces.
The latter may be SW configured to operate either in 3-wire or 4-wire interface mode. The device is compatible
with SPI modes 0 and 3.
The serial interfaces are mapped onto the same pins. To select/exploit the I²C interface, the CS line must be tied
high (i.e connected to Vdd_IO).
Table 8. Serial interface pin description
Pin name
Pin description
CS
SPI enable
I²C/SPI mode selection (1: SPI idle mode / I²C communication enabled;
0: SPI communication mode / I²C disabled)
SCL/SPC
I²C Serial Clock (SCL)
SPI Serial Port Clock (SPC)
SDA/SDI/SDO
I²C Serial Data (SDA)
SPI Serial Data Input (SDI)
3-wire Interface Serial Data Output (SDO)
SDO/SA0
SPI Serial Data Output (SDO)
I²C less significant bit of the device address
5.1.1
I²C serial interface
The LSM6DSR I²C is a bus slave. The I²C is employed to write the data to the registers, whose content can also
be read back.
The relevant I²C terminology is provided in the table below.
Table 9. I²C terminology
Term
Description
Transmitter
The device which sends data to the bus
Receiver
The device which receives data from the bus
Master
The device which initiates a transfer, generates clock signals and terminates a transfer
Slave
The device addressed by the master
There are two signals associated with the I²C bus: the serial clock line (SCL) and the Serial DAta line (SDA). The
latter is a bidirectional line used for sending and receiving the data to/from the interface. Both the lines must be
connected to Vdd_IO through external pull-up resistors. When the bus is free, both the lines are high.
The I²C interface is implemented with fast mode (400 kHz) I²C standards as well as with fast mode plus
(1000 kHz).
In order to disable the I²C block, (I2C_disable) = 1 must be written in CTRL4_C (13h).
LSM6DSR
Digital interfaces
DS11976 - Rev 2
page 16/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com