Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSR Datasheet(PDF) 82 Page - STMicroelectronics

Part # LSM6DSR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSR Datasheet(HTML) 82 Page - STMicroelectronics

Back Button LSM6DSR Datasheet HTML 78Page - STMicroelectronics LSM6DSR Datasheet HTML 79Page - STMicroelectronics LSM6DSR Datasheet HTML 80Page - STMicroelectronics LSM6DSR Datasheet HTML 81Page - STMicroelectronics LSM6DSR Datasheet HTML 82Page - STMicroelectronics LSM6DSR Datasheet HTML 83Page - STMicroelectronics LSM6DSR Datasheet HTML 84Page - STMicroelectronics LSM6DSR Datasheet HTML 85Page - STMicroelectronics LSM6DSR Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 168 page
background image
9.57
INTERNAL_FREQ_FINE (63h)
Internal frequency register (r)
Table 149. INTERNAL_FREQ_FINE register
FREQ_FINE7 FREQ_FINE6 FREQ_FINE5 FREQ_FINE4 FREQ_FINE3 FREQ_FINE2 FREQ_FINE1 FREQ_FINE0
Table 150. INTERNAL_FREQ_FINE register description
FREQ_FINE[7:0]
Difference in percentage of the effective ODR (and timestamp rate) with respect to the typical. Step: 0.15%.
8-bit format, 2's complement.
The formula below can be used to calculate a better estimation of the actual ODR:
ODR_Actual = (6667 + ((0.0015 * INTERNAL_FREQ_FINE) * 6667)) / ODR_Coeff
Selected_ODR
ODR_Coeff
12.5
512
26
256
52
128
104
64
208
32
416
16
833
8
1667
4
3333
2
6667
1
The Selected_ODR parameter has to be derived from the ODR_XL selection (Table 50. Accelerometer ODR
selection) in order to estimate the accelerometer ODR and from the ODR_G selection (Table 53. Gyroscope ODR
configuration setting) in order to estimate the gyroscope ODR.
LSM6DSR
INTERNAL_FREQ_FINE (63h)
DS11976 - Rev 2
page 82/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com