Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSR Datasheet(PDF) 32 Page - STMicroelectronics

Part # LSM6DSR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button LSM6DSR Datasheet HTML 28Page - STMicroelectronics LSM6DSR Datasheet HTML 29Page - STMicroelectronics LSM6DSR Datasheet HTML 30Page - STMicroelectronics LSM6DSR Datasheet HTML 31Page - STMicroelectronics LSM6DSR Datasheet HTML 32Page - STMicroelectronics LSM6DSR Datasheet HTML 33Page - STMicroelectronics LSM6DSR Datasheet HTML 34Page - STMicroelectronics LSM6DSR Datasheet HTML 35Page - STMicroelectronics LSM6DSR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 168 page
background image
6.6
FIFO
The presence of a FIFO allows consistent power saving for the system since the host processor does not need
continuously poll data from the sensor, but It can wake up only when needed and burst the significant data out
from the FIFO.
The LSM6DSR embeds 3 kbytes of data (up to 9 kbytes with the compression feature enabled) in FIFO to store
the following data:
Gyroscope
Accelerometer
External sensors (up to 4)
Step counter
Timestamp
Temperature
Writing data in the FIFO can be configured to be triggered by the:
Accelerometer / gyroscope data-ready signal
Sensor hub data-ready signal
Step detection signal
The applications have maximum flexibility in choosing the rate of batching for physical sensors with FIFO-
dedicated configurations: accelerometer, gyroscope and temperature sensor batch rates can be selected by the
user. External sensor writing in FIFO can be triggered by the accelerometer data-ready signal or by an external
sensor interrupt. The step counter can be stored in FIFO with associated timestamp each time a step is detected.
It is possible to select decimation for timestamp batching in FIFO with a factor of 1, 8, or 32.
The reconstruction of a FIFO stream is a simple task thanks to the FIFO_DATA_OUT_TAG byte that allows
recognizing the meaning of a word in FIFO.
FIFO allows correct reconstruction of the timestamp information for each sensor stored in FIFO. If a change
in the ODR or BDR (Batch Data Rate) configuration is performed, the application can correctly reconstruct
the timestamp and know exactly when the change was applied without disabling FIFO batching. FIFO stores
information of the new configuration and timestamp in which the change was applied in the device.
Finally, FIFO embeds a compression algorithm that the user can enable in order to have up to 9 kbyte data
stored in FIFO and take advantage of interface communication length for FIFO flushing and communication power
consumption.
The programmable FIFO watermark threshold can be set in FIFO_CTRL1 (07h) and FIFO_CTRL2 (08h) using the
WTM[8:0] bits. To monitor the FIFO status, dedicated registers (FIFO_STATUS1 (3Ah), FIFO_STATUS2 (3Bh))
can be read to detect FIFO overrun events, FIFO full status, FIFO empty status, FIFO watermark status and the
number of unread samples stored in the FIFO. To generate dedicated interrupts on the INT1 and INT2 pins of
these status events, the configuration can be set in INT1_CTRL (0Dh) and INT2_CTRL (0Eh).
The FIFO buffer can be configured according to six different modes:
Bypass mode
FIFO mode
Continuous mode
Continuous-to-FIFO mode
Bypass-to-continuous mode
Bypass-to-FIFO mode
Each mode is selected by the FIFO_MODE_[2:0] bits in the FIFO_CTRL4 (0Ah) register.
LSM6DSR
FIFO
DS11976 - Rev 2
page 32/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com