Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM330LHH Datasheet(PDF) 1 Page - STMicroelectronics

Part # ASM330LHH
Description  Automotive 6-axis inertial module: 3D accelerometer and 3D gyroscope
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHH Datasheet(HTML) 1 Page - STMicroelectronics

  ASM330LHH Datasheet HTML 1Page - STMicroelectronics ASM330LHH Datasheet HTML 2Page - STMicroelectronics ASM330LHH Datasheet HTML 3Page - STMicroelectronics ASM330LHH Datasheet HTML 4Page - STMicroelectronics ASM330LHH Datasheet HTML 5Page - STMicroelectronics ASM330LHH Datasheet HTML 6Page - STMicroelectronics ASM330LHH Datasheet HTML 7Page - STMicroelectronics ASM330LHH Datasheet HTML 8Page - STMicroelectronics ASM330LHH Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 84 page
background image
This is information on a product in full production.
May 2020
DocID031239 Rev 4
1/84
ASM330LHH
Automotive 6-axis inertial module:
3D accelerometer and 3D gyroscope
Datasheet
- production data
Features
 AEC-Q100 qualified
 Extended temperature range
from -40 to +105 °C
 Embedded compensation for high stability over
temperature
 Accelerometer user-selectable full scale up to
±16 g
 Extended gyroscope range from ±125 to
±4000 dps
 SPI & I²C host serial interface
 Six-channel synchronized output to enhance
accuracy of dead-reckoning algorithms
 Smart programmable interrupts
 Embedded 3 kbytes FIFO available to
underload host processor
 ECOPACK, RoHS and “Green” compliant
Applications
 Dead reckoning (DR)
 Vehicle-to-everything (V2X)
 Telematics, eTolling
 Anti-theft systems
 Impact detection and crash reconstruction
 Motion-activated functions
 Driving comfort
 Vibration monitoring and compensation
Description
The ASM330LHH is a system-in-package featuring a
3D digital accelerometer and a 3D digital gyroscope
with an extended temperature range up to +105 °C and
designed to address automotive non-safety
applications.
ST’s family of MEMS sensor modules leverages the
robust and mature manufacturing processes already
used for the production of micromachined
accelerometers and gyroscopes to serve both the
automotive and consumer market. The ASM330LHH is
AEC-Q100 compliant and industrialized through a
dedicated MEMS production flow to meet automotive
reliability standards. All the parts are fully tested with
respect to temperature to ensure the highest quality
level.
The sensing elements are manufactured using ST’s
proprietary micromachining processes, while the IC
interfaces are developed using CMOS technology that
allows the design of a dedicated circuit which is
trimmed to better match the characteristics of the
sensing element.
The ASM330LHH has a full-scale acceleration range of
±2/±4/±8/±16 g and a wide angular rate range of
±125/±250/±500/±1000/±2000/±4000 dps that enables
its usage in a broad range of automotive applications.
All the design aspects of the ASM330LHH have been
optimized to reach superior output stability, extremely
low noise and full data synchronization to the benefit of
sensor-assisted applications like dead reckoning and
sensor fusion.
The ASM330LHH is available in a 14-lead plastic land
grid array (LGA) package.
LGA-14L
Typ: 2.5 x 3.0 x 0.83 mm3
Table 1. Device summary
Part number
Temp.
range [°C]
Package
Packing
ASM330LHH
-40 to +105
LGA-14L
(2.5 x 3.0 x 0.83 mm3)
Tray
ASM330LHHTR -40 to +105
Tape &
Reel
www.st.com


Similar Part No. - ASM330LHH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ASM330LHHX STMICROELECTRONICS-ASM330LHHX Datasheet
2Mb / 5P
ASM330LHHX adapter board for a standard DIL 24 socket
More results

Similar Description - ASM330LHH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM330DLC STMICROELECTRONICS-LSM330DLC Datasheet
1Mb / 66P
iNEMO inertial module: 3D accelerometer and 3D gyroscope
17-Sep-2012
LSM9DS0 STMICROELECTRONICS-LSM9DS0 Datasheet
1Mb / 74P
iNEMO inertial module 3D accelerometer, 3D gyroscope, 3D magnetometer
05-Aug-2013
ASM330LXH STMICROELECTRONICS-ASM330LXH Datasheet
1Mb / 56P
Automotive inertial module: 3D accelerometer and 3D gyroscope
23-Oct-2015
LSM6DS3US STMICROELECTRONICS-LSM6DS3US Datasheet
1Mb / 104P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
April 2016 Rev 4
LSM6DSL STMICROELECTRONICS-LSM6DSL Datasheet
1Mb / 113P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
October 2016 Rev 5
LSM9DS1 STMICROELECTRONICS-LSM9DS1 Datasheet
1Mb / 72P
iNEMO inertial module: 3D accelerometer, 3D gyroscope, 3D magnetometer
12-Mar-2015
LSM6DSR STMICROELECTRONICS-LSM6DSR Datasheet
2Mb / 168P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
Rev 2
LSM6DSO32 STMICROELECTRONICS-LSM6DSO32 Datasheet
1Mb / 153P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
13-Mar-2020
LSM6DSOX STMICROELECTRONICS-LSM6DSOX Datasheet
3Mb / 199P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
25-Jan-2019
LSM6DSO STMICROELECTRONICS-LSM6DSO Datasheet
2Mb / 172P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
25-Jan-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com