Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM330LHH Datasheet(PDF) 31 Page - STMicroelectronics

Part # ASM330LHH
Description  Automotive 6-axis inertial module: 3D accelerometer and 3D gyroscope
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHH Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ASM330LHH Datasheet HTML 27Page - STMicroelectronics ASM330LHH Datasheet HTML 28Page - STMicroelectronics ASM330LHH Datasheet HTML 29Page - STMicroelectronics ASM330LHH Datasheet HTML 30Page - STMicroelectronics ASM330LHH Datasheet HTML 31Page - STMicroelectronics ASM330LHH Datasheet HTML 32Page - STMicroelectronics ASM330LHH Datasheet HTML 33Page - STMicroelectronics ASM330LHH Datasheet HTML 34Page - STMicroelectronics ASM330LHH Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 84 page
background image
DocID031239 Rev 4
31/84
ASM330LHH
Functionality
84
6.4
Block diagram of filters
Figure 10. Block diagram of filters
6.4.1
Block diagram of the gyroscope filter
The gyroscope filtering chain appears below.
Figure 11. Gyroscope filtering chain
The gyroscope ODR is selectable from 12.5 Hz up to 6.66 kHz. A low-pass filter (LPF1) is
available, for more details about the filter characteristics see Table 53: Gyroscope LPF1
bandwidth selection. The digital LPF2 filter cannot be configured by the user and its cutoff
frequency depends on the selected gyroscope ODR, as indicated in the following table.
Data can be acquired from the output registers and FIFO.
Table 16. Gyroscope LPF2 bandwidth selection
Gyroscope ODR [Hz]
LPF2 cut-off [Hz]
12.5
4.3
26
8.3
52
16.7
104
33
208
67
417
133
833
267
1667
539
3333
1137
6667
3333



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com