Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM330LHBG1 Datasheet (PDF) - STMicroelectronics

ASM330LHBG1 Datasheet PDF - STMicroelectronics
Part # ASM330LHBG1
Download  ASM330LHBG1 Download
File Size   5860.16 Kbytes
Page   130 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High-accuracy 6-axis inertial measurement unit (IMU) with extended temperature range for ASIL B automotive applications

ASM330LHBG1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ASM330LHBG1 Datasheet PDF - STMicroelectronics

Part # ASM330LHBG1
Download  ASM330LHBG1 Click to download

File Size   5860.16 Kbytes
Page   130 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High-accuracy 6-axis inertial measurement unit (IMU) with extended temperature range for ASIL B automotive applications

ASM330LHBG1 Datasheet (HTML) - STMicroelectronics


ASM330LHBG1 Product details

Features
• AEC-Q100 qualified
• ASIL B compliant if used in conjunction with a certified software library
(ISO 26262:2018)
• Android Auto™ compliant and CarPlay® compliant
• Extended temperature range from -40 to +125°C
• Embedded compensation for high stability over temperature
• Accelerometer user-selectable full scale up to ±16 g
• Extended gyroscope range from ±125 to ±4000 dps
• Dual operating modes: high-performance and low-power mode
• I²C, MIPI I3C℠, and SPI serial interfaces
• Six-channel synchronized output to enhance accuracy of dead-reckoning
algorithms
• Programmable finite state machine
• Machine learning core
• Smart programmable interrupts
• Embedded 3 KB FIFO available to underload host processor
• ECOPACK and RoHS compliant

Applications
• Satellite precise positioning
• Vehicle-to-everything (V2X)
• ADAS systems
• Active suspension
• Radar, lidar, and camera digital stabilization
• Door/trunk modules
• Motion-activated functions




Similar Part No. - ASM330LHBG1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ASM330LHB STMICROELECTRONICS-ASM330LHB Datasheet
3Mb / 131P
High-accuracy automotive 6-axis inertial module for car electronic control units
01-Feb-2023
ASM330LHBTR STMICROELECTRONICS-ASM330LHBTR Datasheet
3Mb / 131P
High-accuracy automotive 6-axis inertial module for car electronic control units
01-Feb-2023
More results


Similar Description - ASM330LHBG1

ManufacturerPart #DatasheetDescription
logo
Epson Company
M-G352 EPSON-M-G352 Datasheet
1Mb / 69P
IMU (Inertial Measurement Unit)
M-G362 EPSON-M-G362 Datasheet
1Mb / 69P
IMU (Inertial Measurement Unit)
M-G550-PC EPSON-M-G550-PC Datasheet
215Kb / 2P
IMU (Inertial Measurement Unit)
M-G550-PR EPSON-M-G550-PR Datasheet
208Kb / 2P
IMU (Inertial Measurement Unit)
M-V340 EPSON-M-V340 Datasheet
235Kb / 3P
IMU (Inertial Measurement Unit)
logo
Bosch Sensortec GmbH
BMI260 BOSCH-BMI260 Datasheet
217Kb / 2P
Accurate, low-power Inertial Measurement Unit (IMU)
BMI261 BOSCH-BMI261 Datasheet
291Kb / 2P
Smart Inertial Measurement Unit (IMU) for Android??OS
BMI270 BOSCH-BMI270 Datasheet
198Kb / 2P
Smart ultra-low power Inertial Measurement Unit (IMU)
logo
Honeywell Solid State E...
HG4930 HONEYWELL-HG4930 Datasheet
805Kb / 13P
INERTIAL MEASUREMENT UNIT (IMU)
logo
TDK Electronics
DK-42688-P TDK-DK-42688-P Datasheet
225Kb / 1P
IMU (Inertial Measurement Unit)
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com