Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM330LHBG1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ASM330LHBG1
Description  High-accuracy 6-axis inertial measurement unit (IMU) with extended temperature range for ASIL B automotive applications
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHBG1 Datasheet(HTML) 2 Page - STMicroelectronics

  ASM330LHBG1 Datasheet HTML 1Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 2Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 3Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 4Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 5Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 6Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 7Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 8Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 130 page
background image
ST’s family of MEMS sensor modules leverages the robust and mature manufacturing processes already used for
the production of micromachined accelerometers and gyroscopes to serve both the automotive and consumer
market. The ASM330LHBG1 is AEC-Q100 compliant and industrialized through a dedicated MEMS production
flow to meet automotive reliability standards. All the parts are fully tested with respect to temperature to ensure
the highest quality level.
The sensing elements are manufactured using ST’s proprietary micromachining processes, while the IC
interfaces are developed using CMOS technology that allows the design of a dedicated circuit, which is trimmed
to better match the characteristics of the sensing element.
The ASM330LHBG1 has a full-scale acceleration range of ±2/±4/±8/±16 g and a wide angular rate range of
±125/±250/±500/±1000/±2000/±4000 dps that enables its usage in a broad range of automotive applications.
The device supports dual operating modes: high-performance mode and low-power mode.
All the design aspects of the ASM330LHBG1 have been optimized to reach superior output stability, extremely
low noise, and full data synchronization to the benefit of sensor-assisted applications like dead reckoning and
sensor fusion.
The ASM330LHBG1 is available in a 14-lead plastic, land grid array (LGA) package.
ASM330LHBG1
DS14080 - Rev 1
page 2/130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com