Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM330LHBG1 Datasheet(PDF) 75 Page - STMicroelectronics

Part # ASM330LHBG1
Description  High-accuracy 6-axis inertial measurement unit (IMU) with extended temperature range for ASIL B automotive applications
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHBG1 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button ASM330LHBG1 Datasheet HTML 71Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 72Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 73Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 74Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 75Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 76Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 77Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 78Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 130 page
background image
9.54
FIFO_DATA_OUT_X_H (7Ah) and FIFO_DATA_OUT_X_L (79h)
FIFO data output X (R)
Table 139. FIFO_DATA_OUT_X_H register
D15
D14
D13
D12
D11
D10
D9
D8
Table 140. FIFO_DATA_OUT_X_L register
D7
D6
D5
D4
D3
D2
D1
D0
Table 141. FIFO_DATA_OUT_X_H, FIFO_DATA_OUT_X_L register description
D[15:0]
FIFO X-axis output
9.55
FIFO_DATA_OUT_Y_H (7Ch) and FIFO_DATA_OUT_Y_L (7Bh)
FIFO data output Y (R)
Table 142. FIFO_DATA_OUT_Y_H register
D15
D14
D13
D12
D11
D10
D9
D8
Table 143. FIFO_DATA_OUT_Y_L register
D7
D6
D5
D4
D3
D2
D1
D0
Table 144. FIFO_DATA_OUT_Y_H, FIFO_DATA_OUT_Y_L register description
D[15:0]
FIFO Y-axis output
9.56
FIFO_DATA_OUT_Z_H (7Eh) and FIFO_DATA_OUT_Z_L (7Dh)
FIFO data output Z (R)
Table 145. FIFO_DATA_OUT_Z_H register
D15
D14
D13
D12
D11
D10
D9
D8
Table 146. FIFO_DATA_OUT_Z_L register
D7
D6
D5
D4
D3
D2
D1
D0
Table 147. FIFO_DATA_OUT_Z_H, FIFO_DATA_OUT_Z_L register description
D[15:0]
FIFO Z-axis output
ASM330LHBG1
Register description
DS14080 - Rev 1
page 75/130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com