Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM330LHBG1 Datasheet(PDF) 31 Page - STMicroelectronics

Part # ASM330LHBG1
Description  High-accuracy 6-axis inertial measurement unit (IMU) with extended temperature range for ASIL B automotive applications
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHBG1 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ASM330LHBG1 Datasheet HTML 27Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 28Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 29Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 30Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 31Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 32Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 33Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 34Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 130 page
background image
6.4.1
Block diagram of the gyroscope filter
The gyroscope filtering chain appears below.
Figure 18. Gyroscope filtering chain
ADC
HPF
HP_EN_G
LPF1
LPF2
LPF1_SEL_G
SPI/I 2C/
FIFO
FTYPE [2:0]
0
1
0
1
ODR_G[3:0]
FSM/MLC
MIPI I3CSM
The gyroscope ODR is selectable from 12.5 Hz up to 1.67 kHz. A low-pass filter (LPF1) is available, for more
details about the filter characteristics see Table 58. Gyroscope LPF1 bandwidth selection. The digital LPF2 filter
cannot be configured by the user and its cutoff frequency depends on the selected gyroscope ODR, as indicated
in the following table.
Data can be acquired from the output registers and FIFO.
Table 17. Gyroscope LPF2 bandwidth selection
Gyroscope ODR [Hz]
LPF2 cutoff [Hz]
12.5
4.3
26
8.3
52
16.7
104
33
208
67
417
133
833
267
1667
539
ASM330LHBG1
Functionality
DS14080 - Rev 1
page 31/130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com