Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM330LHBG1 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ASM330LHBG1
Description  High-accuracy 6-axis inertial measurement unit (IMU) with extended temperature range for ASIL B automotive applications
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHBG1 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ASM330LHBG1 Datasheet HTML 8Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 9Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 10Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 11Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 12Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 13Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 14Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 15Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 130 page
background image
4.2
Electrical characteristics
@Vdd = 3.0 V, T = -40°C to +125°C, up to gyroscope FS = ±2000 dps unless otherwise noted.
Table 3. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
Vdd
Supply voltage
1.71
3.6
V
Vdd_IO
Power supply for I/O
1.62
3.6
V
GA_Idd
Gyroscope and accelerometer current consumption
Vdd = 3.0 V, ODR = 1.6 kHz
-40 to +125°C
1.3
1.7
mA
LA_IddHP
Accelerometer current consumption in high-performance
mode
Vdd = 3.0 V, ODR = 1.6 kHz
-40 to +125°C
360
750
µA
LA_IddLM Accelerometer current consumption in low-power mode
Vdd = 3.0 V, ODR = 52 Hz
@25°C
50
500
µA
Vdd = 3.0 V, ODR = 12.5 Hz
@25°C(3)
14
µA
Vdd = 3.0 V, ODR = 1.6 Hz
@25°C(3)
7
µA
Vdd = 1.71 V, ODR = 52 Hz
@25°C
40
500
µA
Vdd = 1.71 V, ODR = 12.5 Hz
@25°C(3)
11
µA
Vdd = 1.71 V, ODR = 1.6 Hz
@25°C(3)
5.5
µA
LC_IddLM Current consumption in low-power mode, combo
Vdd = 3.0 V, ODR = 52 Hz
-40 to +125°C
530
1000
µA
Vdd = 3.0 V, ODR = 12.5 Hz
@25°C(3)
475
µA
Vdd = 1.71 V, ODR = 52 Hz
-40 to +125°C
520
1000
µA
Vdd = 1.71 V, ODR = 12.5 Hz
@25°C(3)
470
µA
IddPD
Gyroscope and accelerometer current consumption
during power-down
Vdd = 3.0 V, @25°C
5
13
µA
Ton
Turn-on time(2)
35
ms
VIH(3)
Digital high-level input voltage
0.7 *
Vdd_IO
V
VIL(3)
Digital low-level input voltage
0.3 *
Vdd_IO
V
VOH(3)
High-level output voltage
IOH = 4 mA(4)
Vdd_IO -
0.2
V
VOL(3)
Low-level output voltage
IOL = 4 mA(4)
0.2
V
Top
Operating temperature range
-40
+125
°C
1. Typical specifications are not guaranteed.
2. Time to obtain stable sensitivity (within ±5% of final value) switching from power-down to normal operation
3. Evaluated by characterization - not tested in production
4. 4 mA is the minimum driving capability, that is, the minimum DC current that can be sourced/sunk by the digital pad in order to guarantee
the correct digital output voltage levels VOH and VOL.
ASM330LHBG1
Module specifications
DS14080 - Rev 1
page 12/130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com