Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM330LHBG1 Datasheet(PDF) 16 Page - STMicroelectronics

Part # ASM330LHBG1
Description  High-accuracy 6-axis inertial measurement unit (IMU) with extended temperature range for ASIL B automotive applications
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHBG1 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ASM330LHBG1 Datasheet HTML 12Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 13Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 14Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 15Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 16Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 17Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 18Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 19Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 130 page
background image
Table 7. I²C high-speed mode specifications at 1 MHz
Symbol
Parameter
Min.
Max. Unit
Fast mode plus(1)
fSCL
SCL clock frequency
0
1
MHz
tHD;STA Hold time (repeated) START condition
260
-
ns
tLOW
Low period of the SCL clock
500
-
tHIGH
High period of the SCL clock
260
-
tSU;STA Setup time for a repeated START condition
260
-
tHD;DAT Data hold time
0
-
tSU;DAT Data setup time
50
-
trDA
Rise time of SDA signal
-
120
tfDA
Fall time of SDA signal
-
120
trCL
Rise time of SCL signal
20*Vdd/5.5
120
tfCL
Fall time of SCL signal
20*Vdd/5.5
120
tSU;STO Setup time for STOP condition
260
-
Cb
Capacitive load for each bus line
-
550
pF
tVD;DAT Data valid time
-
450
ns
tVD;ACK Data valid acknowledge time
-
450
VnL
Noise margin at low level
0.1Vdd
-
V
VnH
Noise margin at high level
0.2Vdd
-
tSP
Pulse width of spikes that must be suppressed by the input filter
0
50
ns
1. Data based on characterization, not tested in production
ASM330LHBG1
Module specifications
DS14080 - Rev 1
page 16/130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com