Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-332AC Datasheet(PDF) 21 Page - STMicroelectronics

Part # BLUENRG-332AC
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-332AC Datasheet(HTML) 21 Page - STMicroelectronics

Back Button BLUENRG-332AC Datasheet HTML 17Page - STMicroelectronics BLUENRG-332AC Datasheet HTML 18Page - STMicroelectronics BLUENRG-332AC Datasheet HTML 19Page - STMicroelectronics BLUENRG-332AC Datasheet HTML 20Page - STMicroelectronics BLUENRG-332AC Datasheet HTML 21Page - STMicroelectronics BLUENRG-332AC Datasheet HTML 22Page - STMicroelectronics BLUENRG-332AC Datasheet HTML 23Page - STMicroelectronics BLUENRG-332AC Datasheet HTML 24Page - STMicroelectronics BLUENRG-332AC Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 67 page
background image
The LPUART has a clock domain independent from the CPU clock, and can wake up the system from
DEEPSTOP mode using baud rates up to 9600 baud. The wake-up events from Stop mode are programmable
and can be:
•
Start bit detection
•
Any received data frame
•
A specific programmed data frame
Only a 32.768 kHz clock (LSE) is needed to allow LPUART communication up to 9600 baud. Therefore, even
in DEEPSTOP mode, the LPUART can wait for an incoming frame while having an extremely low energy
consumption. Higher speed clock can be used to reach higher baud rates in RUN mode.
The LPUART interfaces can be served by the DMA controller.
2.22
Serial peripheral interface (SPI)
The BlueNRG-LPS has one SPI interface (SPI3) allowing communication up to 32 Mbit/s in both master and slave
modes. The SPI peripheral supports:
•
Master or slave operation
•
Multimaster support
•
Full-duplex synchronous transfers on three lines
•
Half-duplex synchronous transfer on two lines (with bidirectional data line)
•
Simplex synchronous transfers on two lines (with unidirectional data line)
•
Serial communication with external devices
•
NSS management by hardware or software for both master and slave: dynamic change of master/slave
operations
•
SPI Motorola support
•
SPI TI mode support
•
Hardware CRC feature for reliable communication
All SPI interfaces can be served by the DMA controller.
2.23
Inter-IC sound (I2S)
The BlueNRG-LPS SPI interface SPI3 supports the I2S protocol. The I2S interface can operate in slave or master
mode with half-duplex communication. It can address four different audio standards:
•
Philips I2S standard
•
MSB-justified standards (left-justified)
•
LSB-justified standards (right-justified)
•
PCM standard.
The I2S interfaces DMA capability for transmission and reception.
2.24
Serial wire debug port
The BlueNRG-LPS embeds an ARM SWD interface that allows interactive debugging and programming of the
device. The interface is composed of only two pins: SWDIO and SWCLK. The enhanced debugging features for
developers allow up to 4 breakpoints and up to 2 watchpoints.
2.25
TX and RX event alert
The BlueNRG-LPS is provided with the TX_SEQUENCE and RX_SEQUENCE signals which alert, respectively,
transmission and reception activities.
A signal can be enabled for TX and RX on two pins, through alternate functions:
•
TX_SEQUENCE is available on PA10 (AF2) or PB14 (AF1).
•
RX_SEQUENCE is available on PA8 (AF2) or PA11 (AF2).
The signal is high when radio is in TX (or RX), low otherwise.
The signals can be used to control external antenna switching and support coexistence with other wireless
technologies.
BlueNRG-LPS
Serial peripheral interface (SPI)
DS13819 - Rev 4
page 21/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com