Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO808A-1 Datasheet(PDF) 16 Page - STMicroelectronics

Part # ISO808A-1
Description  Galvanic isolated octal high-side power solid state relay with SPI interface for high inductive loads
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO808A-1 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ISO808A-1 Datasheet HTML 12Page - STMicroelectronics ISO808A-1 Datasheet HTML 13Page - STMicroelectronics ISO808A-1 Datasheet HTML 14Page - STMicroelectronics ISO808A-1 Datasheet HTML 15Page - STMicroelectronics ISO808A-1 Datasheet HTML 16Page - STMicroelectronics ISO808A-1 Datasheet HTML 17Page - STMicroelectronics ISO808A-1 Datasheet HTML 18Page - STMicroelectronics ISO808A-1 Datasheet HTML 19Page - STMicroelectronics ISO808A-1 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
Figure 8. SPI output timing diagram
6.5.1
Watchdog
The IC is composed by two chips (Logic Stage and Process Stage) supplied by two independent and galvanic
isolated sources (VDD/GNDDD and VCC/GNDCC pins, respectively).
The IC provides a watchdog function in order to guarantee a safe condition for the Process Stage when VDD
(or GNDDD) supply voltage is missing. At the end of each SPI communication, the channel status register is
transferred to the Process Stage that both reset an internal timeout counter and turns ON/OFF the outputs
accordingly. If the Logic Stage does not update the output status within tWD, all the outputs of the Process Stage
are disabled until a new update request is received (this also happens if SS stays low for longer than tWD).
Independently of the SPI communication, the Logic Stage chip periodically sends a refresh signal to the Process
Stage chip. The refresh signal is also considered a valid update signal to reset the timeout counter on the Process
Stage, so the isolated side watchdog does not protect the system from a failure of the host controller (e.g., MCU
freezing).
Figure 9. Watchdog behavior
ISO808A, ISO808A-1
Slave select (SS)
DS14170 - Rev 1
page 16/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com