Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4985 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L4985
Description  CCM PFC controller with high voltage startupv
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4985 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L4985 Datasheet HTML 13Page - STMicroelectronics L4985 Datasheet HTML 14Page - STMicroelectronics L4985 Datasheet HTML 15Page - STMicroelectronics L4985 Datasheet HTML 16Page - STMicroelectronics L4985 Datasheet HTML 17Page - STMicroelectronics L4985 Datasheet HTML 18Page - STMicroelectronics L4985 Datasheet HTML 19Page - STMicroelectronics L4985 Datasheet HTML 20Page - STMicroelectronics L4985 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
Figure 14. DISABLE function – circuit details
During the disable condition, due to the absence of energy transferred from the auxiliary winding, the internal
HV-startup is intermittently turned on to keep the device supplied between VCC_OFF and VCC_ON.
Figure 15. DISABLE function – timing
5.9
Protections
A comprehensive set of protections is embedded to ensure a high level of reliability of the final application without
adding extra components and/or circuitry.
5.9.1
AC brown-in (BI function)
At startup, as soon as the VCC pin voltage reaches the VCC_ON turn-on threshold the device monitors the AC line
input voltage through the HV pin and starts the operation if the input voltage is higher than the VHVPK_BI brown-in
threshold (around 81 Vac). After the first startup, in case of a brown-out/brown-in cycle, as soon as the brown-in is
detected the internal HV-startup is turned on to bring VCC voltage to the turn-on threshold VCC_ON.
De-bounce time TDB_ACBI of 1 ms typ. is provided to avoid false triggering at the first startup. After that, the
de-bounce time is increased to 40 ms.
L4985
Protections
DS13769 - Rev 3
page 17/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com