Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JANS2ST3360KT Datasheet(PDF) 7 Page - STMicroelectronics

Part # JANS2ST3360KT
Description  Rad-Hard 60 V, 0.8 A NPN and PNP complementary transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

JANS2ST3360KT Datasheet(HTML) 7 Page - STMicroelectronics

Back Button JANS2ST3360KT Datasheet HTML 3Page - STMicroelectronics JANS2ST3360KT Datasheet HTML 4Page - STMicroelectronics JANS2ST3360KT Datasheet HTML 5Page - STMicroelectronics JANS2ST3360KT Datasheet HTML 6Page - STMicroelectronics JANS2ST3360KT Datasheet HTML 7Page - STMicroelectronics JANS2ST3360KT Datasheet HTML 8Page - STMicroelectronics JANS2ST3360KT Datasheet HTML 9Page - STMicroelectronics JANS2ST3360KT Datasheet HTML 10Page - STMicroelectronics JANS2ST3360KT Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
4
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
4.1
Flat-8 package information
Figure 3. Flat-8 package outline
7939278_6
Table 7. Flat-8 mechanical data
Symbol
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.24
2.44
2.64
0.088
0.096
0.104
b
0.38
0.43
0.48
0.015
0.017
0.019
c
0.10
0.13
0.16
0.004
0.005
0.006
D
6.35
6.48
6.61
0.250
0.255
0.260
E
6.35
6.48
6.61
0.250
0.255
0.260
E2
4.32
4.45
4.58
0.170
0.175
0.180
E3
0.88
1.01
1.14
0.035
0.040
0.045
e
1.27
0.050
L
6.51
-
7.38
0.256
-
0.291
Q
0.66
0.79
0.92
0.026
0.031
0.036
S1
0.92
1.12
1.32
0.036
0.044
0.052
N
08
08
JANS2ST3360K
Package information
DS11305 - Rev 3
page 7/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com