Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD56020M100R Datasheet(PDF) 7 Page - STMicroelectronics

Part # LD56020M100R
Description  Low input voltage, 200 mA ultra-low noise LDO
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD56020M100R Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LD56020M100R Datasheet HTML 3Page - STMicroelectronics LD56020M100R Datasheet HTML 4Page - STMicroelectronics LD56020M100R Datasheet HTML 5Page - STMicroelectronics LD56020M100R Datasheet HTML 6Page - STMicroelectronics LD56020M100R Datasheet HTML 7Page - STMicroelectronics LD56020M100R Datasheet HTML 8Page - STMicroelectronics LD56020M100R Datasheet HTML 9Page - STMicroelectronics LD56020M100R Datasheet HTML 10Page - STMicroelectronics LD56020M100R Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ILIM
Output current limit
VOUT = 0.9 x VOUT(NOM)
250
300
mA
ISC
Short-circuit current
VOUT = 0 (foldback protection)
100
TBD
mA
VEN
Enable input logic low
0.2
V
Enable input logic high
0.7
IEN
Enable pin input current
VEN = 1.1 V (internal pull-down)
0.2
0.5
µA
TON
Turn-on time
VOUT(NOM) = 1.0 V
150
µs
TSHDN
Thermal shutdown
160
°C
Hysteresis
20
Table 5. Recommended Input and output capacitors
Symbol
Parameter
Test Conditions
Min.
Typ.
Max
Unit
CIN
Input capacitance
Stability
0.7
1
µF
COUT
Output capacitance
0.7
1
10
ESR
Output/Input capacitance
5
500
mΩ
LD56020
Electrical characteristics
DS13164 - Rev 1
page 7/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com