Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2STR1215 Datasheet(PDF) 40 Page - STMicroelectronics

Part # 2STR1215
Description  38 V, 10 W synchronous iso-buck converter for isolated applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STR1215 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button 2STR1215 Datasheet HTML 36Page - STMicroelectronics 2STR1215 Datasheet HTML 37Page - STMicroelectronics 2STR1215 Datasheet HTML 38Page - STMicroelectronics 2STR1215 Datasheet HTML 39Page - STMicroelectronics 2STR1215 Datasheet HTML 40Page - STMicroelectronics 2STR1215 Datasheet HTML 41Page - STMicroelectronics 2STR1215 Datasheet HTML 42Page - STMicroelectronics 2STR1215 Datasheet HTML 43Page - STMicroelectronics 2STR1215 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
Leakage inductance
The leakage inductance of a transformer can be defined as an undesired inductive component due to the not
perfect magnetic linking of the two windings. Leakage inductance is inherent to the transformer construction and
can only be reduced but not eliminated.
As shown in Figure 45, the leakage inductance affects the shape of the secondary winding current. In general, a
very low leakage inductance implies that the current in the secondary winding can quickly ramp up, allowing the
charge of the secondary output capacitor and supporting the load current demand.
A high leakage inductance slows down the secondary winding current rise, limiting the charge delivery to the
output. Comparing solutions with different values of transformer leakage inductance shows that higher leakage
inductance transformers are characterized by poorer load regulation performances (as already depicted in
Figure 22).
On the other hand, the leakage inductance determines the slope of the rising edge of current in the primary
winding (the lower the leakage, the steeper the slope) and the peak value it could reach. Therefore, under certain
conditions (for example short-circuit at the secondary side) this peak can be significantly high.
Figure 45. Impact of the leakage inductance on the secondary winding peak current
A higher value of the leakage can help in these cases, jeopardizing however the load regulation performances. A
similar effect can be also achieved by increasing the resistance of the secondary winding, keeping the optimized
value of the inductance. In both cases it is also possible to adjust the N value to improve the load regulation (see
Figure 46). Both higher leakage and higher secondary winding resistance have a slight negative impact on the
efficiency.
L6983I
Transformer selection
DS14040 - Rev 1
page 40/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com