Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DUXS12TR Datasheet(PDF) 64 Page - STMicroelectronics

Part # LIS2DUXS12TR
Description  Ultralow-power accelerometer with Qvar, AI, & anti-aliasing
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DUXS12TR Datasheet(HTML) 64 Page - STMicroelectronics

Back Button LIS2DUXS12TR Datasheet HTML 60Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 61Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 62Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 63Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 64Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 65Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 66Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 67Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 104 page
background image
9
Embedded functions register mapping
The table given below provides a list of the registers for the embedded functions available in the device and the
corresponding addresses. Embedded functions registers are accessible when the EMB_FUNC_REG_ACCESS
bit is set to 1 in the FUNC_CFG_ACCESS (3Fh) register and the EMB_FUNC_EN bit is set to 1 in the CTRL4
(13h) register.
Table 133. Register address map - embedded functions
Name
Type
Register address
Default
Comment
Hex
Binary
PAGE_SEL
R/W
02
00000010
00000001
RESERVED
-
03
EMB_FUNC_EN_A
R/W
04
00000100
00000000
EMB_FUNC_EN_B
R/W
05
00000101
00000000
EMB_FUNC_EXEC_STATUS
R
07
00000111
output
PAGE_ADDRESS
R/W
08
00001000
00000000
PAGE_VALUE
R/W
09
00001001
00000000
EMB_FUNC_INT1
R/W
0A
00001010
00000000
FSM_INT1
R/W
0B
00001011
00000000
RESERVED
-
0C
MLC_INT1
R/W
0D
00001101
00000000
EMB_FUNC_INT2
R/W
0E
00001110
00000000
FSM_INT2
R/W
0F
00001111
00000000
RESERVED
-
10
MLC_INT2
R/W
11
00010001
00000000
EMB_FUNC_STATUS
R
12
00010010
output
FSM_STATUS
R
13
00010011
output
RESERVED
-
14
MLC_STATUS
R
15
00010101
output
PAGE_RW
R/W
17
00010111
00000000
EMB_FUNC_FIFO_EN
R/W
18
00011000
RESERVED
-
19
FSM_ENABLE
R/W
1A
00011010
00000000
RESERVED
-
1B
FSM_LONG_COUNTER_L
R/W
1C
00011100
00000000
FSM_LONG_COUNTER_H
R/W
1D
00011101
00000000
RESERVED
-
1E
INT_ACK_MASK
R/W
1F
00011111
00000000
FSM_OUTS1
R
20
00100000
output
FSM_OUTS2
R
21
00100001
output
FSM_OUTS3
R
22
00100010
output
FSM_OUTS4
R
23
00100011
output
FSM_OUTS5
R
24
00100100
output
LIS2DUXS12
Embedded functions register mapping
DS14035 - Rev 2
page 64/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com