Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95P16-IXMN/EF Datasheet(PDF) 13 Page - STMicroelectronics

Part # M95P16-IXMN/EF
Description  Ultra low power 16 Mbit serial SPI page EEPROM with dual and quad outputs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95P16-IXMN/EF Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M95P16-IXMN/EF Datasheet HTML 9Page - STMicroelectronics M95P16-IXMN/EF Datasheet HTML 10Page - STMicroelectronics M95P16-IXMN/EF Datasheet HTML 11Page - STMicroelectronics M95P16-IXMN/EF Datasheet HTML 12Page - STMicroelectronics M95P16-IXMN/EF Datasheet HTML 13Page - STMicroelectronics M95P16-IXMN/EF Datasheet HTML 14Page - STMicroelectronics M95P16-IXMN/EF Datasheet HTML 15Page - STMicroelectronics M95P16-IXMN/EF Datasheet HTML 16Page - STMicroelectronics M95P16-IXMN/EF Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
In addition, the Chip select (S) input offers a built-in safety feature: its input is edge-sensitive as well as
level
‑sensitive: after power-up, the device does not become selected until a falling edge has first been detected
on it. This ensures that Chip select (S) must have been high, prior to going low to start the first operation.
The VCC voltage must rise continuously, from 0 V up to the minimum VCC operating voltage defined in
Table 18. Operating conditions.
4.7
Power-down conditions
During power-down (continuous decrease of the supply voltage below the minimum VCC operating voltage
defined in Table 18. Operating conditions), the device must be:
•
deselected (S must follow the voltage applied on VCC)
•
in standby power mode (there must not be any internal write cycle in progress).
4.8
Active power, Standby power and Deep power-down modes
When Chip select (S) is low, the device is selected, and in Active power mode.
When Chip select (S) is high, the device is deselected, but remains in Active power mode until all internal cycles
have completed (Program, Erase, Write Status register). The device then goes into Standby power mode. The
device consumption drops to ICC1 as specified in Table 23. DC characteristics - Current consumption - M95P16-I.
Deep power-down mode is entered when the Deep power-down command is executed. The device consumption
drops further to ICC2. The device remains in this mode until the Release from power-down command is executed.
While in Deep power-down mode the device ignores all Write, Program and Erase commands. This provides
an extra software protection mechanism when the device is not in active use, by protecting it from inadvertent
operations. For further information, see Section 6.21 Deep power-down enter (B9h).
4.9
Device reset
To prevent erroneous instruction decoding and inadvertent programming, write or erase operations during
power
‑up, a power‑on‑reset (POR) circuit is included. At power-up, the device does not respond to any instruction
until VCC reaches the POR threshold voltage. This threshold is lower than the minimum VCC operating voltage
(see Table 18. Operating conditions).
At power-up, when VCC passes over the POR threshold, the device is reset and is in the following state:
•
In Standby power mode
•
Deselected
•
Status register
–
Write enable latch (WEL) bit reset to 0
–
Write In Progress (WIP) bit reset to 0
–
All non volatile bits unchanged
•
Configurable and Safety register
–
All volatile bits reset to 0
–
All non volatile bits unchanged
•
Volatile register
–
All bits reset to 0, except BUFLD, set to 1
The device must not be accessed until VCC reaches a valid and stable level, within the specified VCC(min) to
VCC(max) range, defined in Table 18. Operating conditions.
4.10
Hold condition
The Hold (HOLD) signal is used to pause serial communications with the device, without resetting the clocking
sequence. However, setting this signal low does not terminate Write Status register, Program, Write, or Erase
cycles that are in progress.
To enter the Hold condition, the device must be selected with Chip select (S) low.
During the Hold condition, the Serial data output (Q) is high-Z, and the Serial data input (D) and Serial clock (C)
are Don’t care.
M95P16-I M95P16-E
Power-down conditions
DS13710 - Rev 1
page 13/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com