Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C51 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 80C51
Description  CMOS single-chip 8-bit microcontrollers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

80C51 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 80C51 Datasheet HTML 9Page - NXP Semiconductors 80C51 Datasheet HTML 10Page - NXP Semiconductors 80C51 Datasheet HTML 11Page - NXP Semiconductors 80C51 Datasheet HTML 12Page - NXP Semiconductors 80C51 Datasheet HTML 13Page - NXP Semiconductors 80C51 Datasheet HTML 14Page - NXP Semiconductors 80C51 Datasheet HTML 15Page - NXP Semiconductors 80C51 Datasheet HTML 16Page - NXP Semiconductors 80C51 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Philips Semiconductors
Product specification
80C31/80C51/87C51
CMOS single-chip 8-bit microcontrollers
1996 Aug 16
13
AC ELECTRICAL CHARACTERISTICS FOR SC87C51 12–33MHz PHILIPS NORTH AMERICA DEVICES
Tamb = 0°C to +70°C or –40°C to +85°C, VCC = 5V ±10%, VSS = 0V (SC87C51 12, 16 and 24MHz versions);
For SC87C51 (33MHz only) Tamb = = 0°C to +70°C, VCC = 5V ±5%
VARIABLE CLOCK3
SYMBOL
FIGURE
PARAMETER
MIN
MAX
UNIT
1/tCLCL
Oscillator frequency:
Speed Versions
SC87C51
C
G
P
Y
3.5
3.5
3.5
3.5
12
16
24
33
MHz
MHz
MHz
MHz
tLHLL
1
ALE pulse width
2tCLCL–40
ns
tAVLL
1
Address valid to ALE low
tCLCL–13
ns
tLLAX
1
Address hold after ALE low
tCLCL–20
ns
tLLIV
1
ALE low to valid instruction in
4tCLCL–65
ns
tLLPL
1
ALE low to PSEN low
tCLCL–13
ns
tPLPH
1
PSEN pulse width
3tCLCL–20
ns
tPLIV
1
PSEN low to valid instruction in
3tCLCL–45
ns
tPXIX
1
Input instruction hold after PSEN
0
ns
tPXIZ
1
Input instruction float after PSEN
tCLCL–10
ns
tAVIV
1
Address to valid instruction in
5tCLCL–55
ns
tPLAZ
1
PSEN low to address float
10
ns
Data Memory
tRLRH
2, 3
RD pulse width
6tCLCL–100
ns
tWLWH
2, 3
WR pulse width
6tCLCL–100
ns
tRLDV
2, 3
RD low to valid data in
5tCLCL–90
ns
tRHDX
2, 3
Data hold after RD
0
ns
tRHDZ
2, 3
Data float after RD
2tCLCL–28
ns
tLLDV
2, 3
ALE low to valid data in
8tCLCL–150
ns
tAVDV
2, 3
Address to valid data in
9tCLCL–165
ns
tLLWL
2, 3
ALE low to RD or WR low
3tCLCL–50
3tCLCL+50
ns
tAVWL
2, 3
Address valid to WR low or RD low
4tCLCL–75
ns
tQVWX
2, 3
Data valid to WR transition
tCLCL–20
ns
tWHQX
2, 3
Data hold after WR
tCLCL–20
ns
tRLAZ
2, 3
RD low to address float
0
ns
tWHLH
2, 3
RD or WR high to ALE high
tCLCL–20
tCLCL+25
ns
External Clock
tCHCX
5
High time
12
ns
tCLCX
5
Low time
12
ns
tCLCH
5
Rise time
20
ns
tCHCL
5
Fall time
20
ns
NOTES:
1. Parameters are valid over operating temperature range unless otherwise specified.
2. Load capacitance for port 0, ALE, and PSEN = 100pF, load capacitance for all other outputs = 80pF.
3. For all Philips North America speed versions only.
4. Interfacing the 87C51 to devices with float times up to 50ns is permitted. This limited bus contention will not cause damage to port 0 drivers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com