Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5991AD Datasheet(PDF) 13 Page - STMicroelectronics

Part # L5991AD
Description  PRIMARY CONTROLLER WITH STANDBY
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5991AD Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L5991AD Datasheet HTML 9Page - STMicroelectronics L5991AD Datasheet HTML 10Page - STMicroelectronics L5991AD Datasheet HTML 11Page - STMicroelectronics L5991AD Datasheet HTML 12Page - STMicroelectronics L5991AD Datasheet HTML 13Page - STMicroelectronics L5991AD Datasheet HTML 14Page - STMicroelectronics L5991AD Datasheet HTML 15Page - STMicroelectronics L5991AD Datasheet HTML 16Page - STMicroelectronics L5991AD Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
connecting DC-LIM to VREF (half duty cycle op-
tion), Dx will be set approximately at:
Dx
≅
RT
2
⋅ RT + 260
(11)
and the output switching frequency will be halved
with respect to the oscillator one because an in-
ternal T flip-flop (see block diagram) is activated.
Fig. 30 shows the operation.
The half duty cycle option speeds up the dis-
charge of the timing capacitor CT (in order to get
duty cycles as close to 50% as possible) so the
oscillator frequency - with the same timing compo-
nents will be slightly higher.
Pin 16. S-BY (Standby Function). The resistor RB,
along with RA, sets the operating frequency of the
oscillator in normal operation (fosc). In fact, as long
as the STANDBY signal is high, the pin is inter-
nally connected to the reference voltage VREF by
a N-channel FET (see fig. 31), so the timing ca-
pacitor CT is charged through RA and RB. When
the STANDBY signal goes low the N-channel FET
is turned off and the pin becomes floating. RB is
+
-
C
D97IN502
DIS
D
R
Q
DISABLE
UVLO
2.5V
14
DISABLE
SIGNAL
Figure 29. Disable (Latched).
V15=GND
V5=V13=GND
V15=VREF
V5=V13=GND
td
td
tc
tc
V2
V10
V2
V10
DX =
tc
tc +td
DX =
tc
2·tc +td
D97IN498
Figure 30. Half duty cycle option.
-
+
-
+
2.5
2.5/4
R
STANDBY
10V
LEVEL SHIFT
COMP
FB
VREF
ST-BY
4
16
6
RCT
CT
RA
RB
2
5
LOW
HIGH
STANDBY
D97IN752B
VT1
2.5V
VT2
4V
VCOMP
-
+
ISEN
13
R
DRIVER
OUT
STANDBY BLOCK
2R
Figure 31. Standby function internal schematic and operation.
L5991 - L5991A
13/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com