Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321E Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB321E Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button AT45DB321E Datasheet HTML 61Page - Renesas Technology Corp AT45DB321E Datasheet HTML 62Page - Renesas Technology Corp AT45DB321E Datasheet HTML 63Page - Renesas Technology Corp AT45DB321E Datasheet HTML 64Page - Renesas Technology Corp AT45DB321E Datasheet HTML 65Page - Renesas Technology Corp AT45DB321E Datasheet HTML 66Page - Renesas Technology Corp AT45DB321E Datasheet HTML 67Page - Renesas Technology Corp AT45DB321E Datasheet HTML 68Page - Renesas Technology Corp AT45DB321E Datasheet HTML 69Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 68 / 69 page
background image
8784
M
2/2022
Changed company logo to Renesas.
68
AT45DB321E
8784M–DFLASH–02/2022
28.
Revision History
Doc. Rev.
Date
Comments
8784A
08/2012
Initial document release.
8784B
11/2012
Added Legacy Commands table.
Updated to Adesto template.
8784C
6/2013
Updated electrical and power specifications. “
Buffer 1 (or 2) Read” moved from group C to
Group A in Operation Mode Summary. Removed references to 2.5V minimum power supply.
8784D
7/2013
Updated Auto Page Rewrite cycle to
50,000 cumulative page erase/program operations.
Corrected Page Erase and Programming Time specification to 35 ms maximum. Updated DC
conditions for V
OL, ICC3 and ICC4. Added reserved part order codes. Changed datasheet status
from preliminary to complete.
8784E
10/2013
Updated spec in Continuous Array Read (1Bh Opcode) to
f
CAR4. Corrected Low Power Read
Option (up to 15MHz). Corrected Ultra-Deep Power-Down current (400nA typical). Updated spec
for Input High Voltage (Max) to VCC + 0.6V.
8784F
11/2013
Corrected Product ID Values for Byte 2 in Figure 12.1, Table 12.1 and Table 12.2. Corrected
Memory Architecture Diagram, Figure 3-1.
8784G
7/2015
Added Die in Wafer Form package option. Added explanation of Read-Modify-Write command
(Section 6.6).Updated Table 6-4 (Main Memory to Buffer Compare). Added information on Power
Up (Section 15.1). Added footnotes to Tables 14-6 and 14-7. Updated Tables 11-1 and 11-3.
Updated condition description for I
UDPD, IDPD, and ISB.
8784H
1/2017
Added patent information.
8784I
6/2017
Added clarification of Absolute Maximum Ratings.
8784J
8/2017
Updated 6 x 8 VDFN package drawing.
8784K
9/2017
Updated maximum page program time specification.
8784L
3/2019
Removed 9CC, 9-ball UBGA package option.
Updated tVCSL time in Table 15-1 from 85 to 105 µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com