Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD40105BMS Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # CD40105BMS
Description  CMOS FIFO Register
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CD40105BMS Datasheet(HTML) 2 Page - Renesas Technology Corp

  CD40105BMS Datasheet HTML 1Page - Renesas Technology Corp CD40105BMS Datasheet HTML 2Page - Renesas Technology Corp CD40105BMS Datasheet HTML 3Page - Renesas Technology Corp CD40105BMS Datasheet HTML 4Page - Renesas Technology Corp CD40105BMS Datasheet HTML 5Page - Renesas Technology Corp CD40105BMS Datasheet HTML 6Page - Renesas Technology Corp CD40105BMS Datasheet HTML 7Page - Renesas Technology Corp CD40105BMS Datasheet HTML 8Page - Renesas Technology Corp CD40105BMS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CD40105BMS
FN3353 Rev 0.00
Page 2 of 10
December 1992
Unloading Data - As soon as the first word has rippled to
the output, DATA-OUT READY (DOR) goes high, and data
can be removed by a falling edge on the SO input. This fall-
ing edge causes the DOR signal to go low while the word on
the output is dumped and the next word moves to the output.
As long as valid data are available in the FIFO, the DOR sig-
nal will go high again signifying that the next word is ready at
the output. When the FIFO is empty, DOR will remain low,
and any further commands will be ignored until a “1” marker
ripples down to the last control register, when DOR goes
high. Unloading of data is inhibited while the 3-state control
input is high. The 3-state control signal should not be shifted
from high to low (data outputs turned on) while the SHIFT-
OUT is at logic 0. This level change would cause the first
word to be shifted out (unloaded) immediately and the data
to be lost.
Cascading - The CD40105BMS can be cascaded to form
longer registers simply by connecting the DIR to SO and
DOR to SI. In the cascaded mode, a MASTER RESET pulse
must be applied after the supply voltage is turned on. For
words wider than 4 bits, the DIR and the DOR outputs must
be gated together with AND gates. Their outputs drive the SI
and SO inputs in parallel, if expanding is done in both direc-
tions (see Figures 9 and 11).
3-State Outputs - In order to facilitate data busing, 3-state
outputs are provided on the data output lines, while the load
condition of the register can be detected by the state of the
DOR output.
Master Reset - A high on the MASTER RESET (MR) sets all
the control logic marker bits to “0”. DOR goes low and DIR
goes high. The contents of the data register are not
changed, only declared invalid, and will be superseded when
the first word is loaded. The shift-in must be low during Mas-
ter Reset.
The CD40105BMS is supplied in these 16-lead outline pack-
ages:
Braze Seal DIP
H4X
Frit Seal DIP
H1F
Ceramic Flatpack
H6W
Logic Diagram
CL
CL
2
15
1
9
3
4
5
6
7
R
SQ
R
SQ
Q
1
R
SQ
Q
2
4 - 15
R
SQ
Q
16
R
SQ
CL
4
LATCHES
CL
CL
4
LATCHES
CL
CL
4
LATCHES
CL
CL
4
LATCHES
CL
3
STATE
OUTPUT
BUFFERS
13
12
11
10
*
*
*
*
*
*
*ALL INPUTS PROTECTED BY
COS/MOS PROTECTION
NETWORK
POS 1
POS 2
POS 3
POS 16
MASTER
RESET
SHIFT
IN
D0
D1
D2
D3
DATA IN READY
(DIR)
SHIFT
OUT
3 - STATE
CONTROL
(OUTPUT
ENABLE)
DATA
READY
(DOR)
Q0
Q1
Q2
Q3
**
VDD
VSS
p
n
CL
CL
p
n
DETAIL OF LATCHES
14



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com