Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3881EMRX-1.8 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3881EMRX-1.8
Description  0.8A Fast-Response Ultra Low Dropout Linear Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3881EMRX-1.8 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LP3881EMRX-1.8 Datasheet HTML 4Page - National Semiconductor (TI) LP3881EMRX-1.8 Datasheet HTML 5Page - National Semiconductor (TI) LP3881EMRX-1.8 Datasheet HTML 6Page - National Semiconductor (TI) LP3881EMRX-1.8 Datasheet HTML 7Page - National Semiconductor (TI) LP3881EMRX-1.8 Datasheet HTML 8Page - National Semiconductor (TI) LP3881EMRX-1.8 Datasheet HTML 9Page - National Semiconductor (TI) LP3881EMRX-1.8 Datasheet HTML 10Page - National Semiconductor (TI) LP3881EMRX-1.8 Datasheet HTML 11Page - National Semiconductor (TI) LP3881EMRX-1.8 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Application Hints (Continued)
As shown in the graph below, increasing the copper area
beyond 1 square inch produces very little improvement. The
minimum value for
θ
JA for the TO-263 package mounted to a
PCB is 32˚C/W.
Figure 2 shows the maximum allowable power dissipation
for TO-263 packages for different ambient temperatures,
assuming
θ
JA is 35˚C/W and the maximum junction tempera-
ture is 125˚C.
HEATSINKING PSOP PACKAGE
Heatsinking for the PSOP-8 package is accomplished by
allowing heat to flow through the ground slug on the bottom
of the package into the copper on the PC board. The heat
slug must be soldered down to a copper plane to get good
heat transfer. It can also be connected through vias to inter-
nal copper planes. Since the heat slug is at ground potential,
traces must not be routed under it which are not at ground
potential. Under all possible conditions, the junction tem-
perature must be within the range specified under operating
conditions.
Figure 3 shows a curve for the
θ
JA of the PSOP package for
different copper area sizes using a typical PCB with one
ounce copper in still air.
20063026
FIGURE 2. Maximum power dissipation vs ambient
temperature for TO-263 package
20063054
FIGURE 3.
θ
JA vs. Copper (1 ounce) Area for PSOP
Package
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com