Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4049UBMS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # CD4049UBMS
Description  CMOS Hex Buffer/Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CD4049UBMS Datasheet(HTML) 3 Page - Renesas Technology Corp

  CD4049UBMS Datasheet HTML 1Page - Renesas Technology Corp CD4049UBMS Datasheet HTML 2Page - Renesas Technology Corp CD4049UBMS Datasheet HTML 3Page - Renesas Technology Corp CD4049UBMS Datasheet HTML 4Page - Renesas Technology Corp CD4049UBMS Datasheet HTML 5Page - Renesas Technology Corp CD4049UBMS Datasheet HTML 6Page - Renesas Technology Corp CD4049UBMS Datasheet HTML 7Page - Renesas Technology Corp CD4049UBMS Datasheet HTML 8Page - Renesas Technology Corp CD4049UBMS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CD4049UBMS
FN3315 Rev 1.00
Page 3 of 11
March 6, 2007
Absolute Maximum Ratings
Thermal Information
DC Supply Voltage Range, (VDD) . . . . . . . . . . . . . . . .-0.5V to +20V
(Voltage Referenced to VSS Terminals)
Input Voltage Range, All Inputs . . . . . . . . . . . . . . . . . -0.5V to 20.5V
DC Input Current, Any One Input
10mA
Operating Temperature Range . . . . . . . . . . . . . . . .-55°C to +125°C
Package Types D, F, K, H
Storage Temperature Range (TSTG). . . . . . . . . . . .-65°C to +150°C
Lead Temperature (During Soldering) . . . . . . . . . . . . . . . . . . +265°C
At Distance 1/16
 1/32 Inch (1.59mm  0.79mm) from case for
10s Maximum
Thermal Resistance (Typical)
JA (°C/W) JC (°C/W)
Ceramic DIP and FRIT Package . . . . .
80
20
Flatpack Package. . . . . . . . . . . . . . . . .
70
20
Maximum Package Power Dissipation (PD) at +125°C
For TA = -55°C to +100°C (Package Type D, F, K) . . . . . .500mW
For TA = +100°C to +125°C (Package Type D, F, K) . . . . . Derate
Linearity at 12mW/°C to 200mW
Device Dissipation per Output Transistor . . . . . . . . . . . . . . .100mW
For TA = Full Package Temperature Range (All Package Types)
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +175°C
DC Electrical Specifications
PARAMETER
SYMBOL
CONDITIONS
(Note 1)
GROUP A
SUBGROUPS
TEMP (°C)
LIMITS
UNITS
MIN
MAX
Supply Current
IDD
VDD = 20V, VIN = VDD or GND
1
+25
-
2
A
2
+125
-
200
A
VDD = 18V, VIN = VDD or GND
3
+55
-
2
A
Input Leakage
Current
IIL
VIN = VDD or GND
VDD = 20
1
+25
-100
-
nA
2
+125
-1000
-
nA
VDD = 18V
3
-55
-100
-
nA
Input Leakage
Current
IIH
VIN = VDD or GND
VDD = 20
1
+25
-
100
nA
2
+125
-
1000
nA
VDD = 18V
3
+55
-
100
nA
Output Voltage
VOL15
VDD = 15V, No Load
1, 2, 3
+25, +125, -55
-
50
mV
Output Voltage
VOH15
VDD = 15V, No Load (Note 3)
1, 2, 3
+25, +125, -55
14.95
-
V
Output Current
(Sink)
IOL4
VDD = 4.5V, VOUT = 0.4V
1
+25
2.6
-
mA
Output Current
(Sink)
IOL5
VDD = 5V, VOUT = 0.4V
1
+25
3.2
-
mA
Output Current
(Sink)
IOL10
VDD = 10V, VOUT = 0.5V
1
+25
8.0
-
mA
Output Current
(Sink)
IOL15
VDD = 15V, VOUT = 1.5V
1
+25
24
-
mA
Output Current
(Source)
IOH5A
VDD = 5V, VOUT = 4.6V
1
+25
-
-0.8
mA
Output Current
(Source)
IOH5B
VDD = 5V, VOUT = 2.5V
1
+25
-
-3.2
mA
Output Current
(Source)
IOH10
VDD = 10V, VOUT = 9.5V
1
+25
-
-1.8
mA
Output Current
(Source)
IOH15
VDD = 15V, VOUT = 13.5V
1
+25
-
-6.0
mA
N Threshold Voltage
VNTH
VDD = 10V, ISS = -10A
1
+25
-2.8
-0.7
V
P Threshold Voltage
VPTH
VSS = 0V, IDD = 10A1
+25
0.7
2.8
V
Functional
F
VDD = 2.8V, VIN = VDD or GND
7
+25
VOH > VDD/2 VOL < VDD/2
V
VDD = 20V, VIN = VDD or GND
7
+25
VDD = 18V, VIN = VDD or GND
8A
+125
VDD = 3V, VIN = VDD or GND
8B
-55



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com