Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CE2F3P Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # CE2F3P
Description  on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CE2F3P Datasheet(HTML) 3 Page - Renesas Technology Corp

  CE2F3P Datasheet HTML 1Page - Renesas Technology Corp CE2F3P Datasheet HTML 2Page - Renesas Technology Corp CE2F3P Datasheet HTML 3Page - Renesas Technology Corp CE2F3P Datasheet HTML 4Page - Renesas Technology Corp CE2F3P Datasheet HTML 5Page - Renesas Technology Corp CE2F3P Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1998
©
Document No. D13110EJ1V0DS00 (1st edition)
Date Published April 2002 N CP(K)
Printed in Japan
COMPOUND TRANSISTOR
CE2F3P
on-chip resistor NPN silicon epitaxial transistor
For mid-speed switching
DATA SHEET
2002
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
The CE2F3P is a transistor of on-chip high hFE resistor
incorporating dumper diode in collector to emitter as protect
elements. This transistor is ideal for actuator drives of OA
equipments and electric equipments.
FEATURES
•
On-chip bias resistor: R1 = 2.2 k
Ω, R2 = 10 kΩ
•
Low power consumption during driving:
VOL = 0.12 V @VI = 5.0 V, IC = 0.5 A
•
On-chip dumper diode for reverse cable
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°°°°C)
Parameter
Symbol
Ratings
Unit
Collector to base voltage
VCBO
60
V
Collector to emitter voltage
VCEO
60
V
Emitter to base voltage
VEBO
15
V
Collector current (DC)
IC(DC)
±2.0
A
Collector current (Pulse)
IC(pulse) *
±3.0
A
Base current (DC)
IB(DC)
0.03
A
Total power dissipation
PT
1.0
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
*PW
≤ 10 ms, duty cycle ≤ 50 %
PACKAGE DRAWING (UNIT: mm)
ELECTRICAL CHARACTERISTICS (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB = 40 V, IE = 0
100
nA
DC current gain
hFE1 **
VCE = 5.0 V, IC = 0.2 A
700
1200
−
DC current gain
hFE2 **
VCE = 5.0 V, IC = 1.0 A
1000
1600
3000
−
DC current gain
hFE3 **
VCE = 5.0 V, IC = 2.0 A
500
1200
−
Low level output voltage
VOL **
VI = 5.0 V, IC = 0.5 A
0.12
0.3
V
Low level input voltage
VIL **
VCE = 12 V, IC = 100
µA0.5
0.4
V
Input resistance 1
R1
1.54
2.2
2.86
k
Ω
Input resistance 2
R2
7.0
10.0
13.0
k
Ω
Turn-on time
ton
0.4
µs
Storage time
tstg
1.4
µs
Fall time
tf
IC = 1.0 A
IBI =
−IB2 = 10 mA
VCC = 20 V, RL = 20
Ω
0.5
µs
** Pulse test PW
≤ 350
µs, duty cycle ≤ 2 %



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com