Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPS-12 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # CPS-12
Description  12-Port Serial RapidIO® Switch
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CPS-12 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button CPS-12 Datasheet HTML 7Page - Renesas Technology Corp CPS-12 Datasheet HTML 8Page - Renesas Technology Corp CPS-12 Datasheet HTML 9Page - Renesas Technology Corp CPS-12 Datasheet HTML 10Page - Renesas Technology Corp CPS-12 Datasheet HTML 11Page - Renesas Technology Corp CPS-12 Datasheet HTML 12Page - Renesas Technology Corp CPS-12 Datasheet HTML 13Page - Renesas Technology Corp CPS-12 Datasheet HTML 14Page - Renesas Technology Corp CPS-12 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
11 of 47
March 31, 2008
IDT80KSW0004
Datasheet
12 Typical Power Figures
Typical power draw for the 80KSW0004 is approximately 2.7W total for all ports enabled as 3 4x @ 3.125G under 50% switch load. The following table
provides power figures on a per-block basis. An estimate of the device power figure for a given application usage can be determined by using the
"CPS Power Calculator" modeling tool available on www.IDT.com
Table 7 Typical Power Figures
Condition: Vdd = 1.2V, Vdds = 1.2V, Vdda = 1.2V, Vdd3 = 3.3V @ Room temperature
25oC
Maximum peak sustained power draw for the 80KSW0004 is 3.5W total (2.23W for VDD, 0.61W for VDDS, 0.42W for VDDA and 0.26W for VDD3) for all
ports enabled as 12 1x @ 3.125G under 100% switch load at the max operational voltage specification(1.2V+5%=1.26V, 3.3V+5%=3.45V) across full
temperature and process range.
Description
Type
Units
Supply
Comments
SerDes 1x @ 1.25G
45
mW
VDDS, VDDA
Analog SerDes power consumption (VDDS and VDDA). This does not
include the sRIO quad power consumption.
SerDes 1x @ 2.5G
60
mW
VDDS, VDDA
Analog SerDes power consumption (VDDS and VDDA). This does not
include the sRIO quad power consumption.
SerDes 1x @ 3.125G
75
mW
VDDS, VDDA
Analog SerDes power consumption (VDDS and VDDA). This does not
include the sRIO quad power consumption.
SerDes 4x @ 1.25G
200
mW
VDDS, VDDA
Analog SerDes power consumption (VDDS and VDDA). This does not
include the sRIO quad power consumption.
SerDes 4x @ 2.5G
220
mW
VDDS, VDDA
Analog SerDes power consumption (VDDS and VDDA). This does not
include the sRIO quad power consumption.
SerDes 4x @ 3.125G
245
mW
VDDS, VDDA
Analog SerDes power consumption (VDDS and VDDA). This does not
include the sRIO quad power consumption.
JTAG Block Enable
100
mW
VDD, VDD3
Configuration Register Access only. Max interface speed(10MHz).
I2C Block Enable
20
mW
VDD, VDD3
Configuration Register Access only. Max interface speed (400KHz).
Switch Block (max traffic)
312
mW
VDD
Switch block only. All ports enabled and sending traffic at max aggre-
gate throughput for the switch block.
Standy Power @1.25G
1286
mW
VDD
Part powered up, reset, all links up (reset configuration), no traffic
Standy Power @1.25G
214
mW
VDD3
Part powered up, reset, all links up (reset configuration), no traffic
Standy Power @1.25G
383, 270
mW
VDDS, VDDA
Part powered up, reset, all links up (reset configuration), no traffic
Quiescent Power
1200
mW
VDD
Minimum possible operational power draw. All ports disable, I2C and
JTAG signals static.
Quiescent Power
214
mW
VDD3
Minimum possible operational power draw. All ports disable, I2C and
JTAG signals static.
Quiescent Power
37, 32
mW
VDDS, VDDA
Minimum possible operational power draw. All ports disable, I2C and
JTAG signals static.
Reset Power
324
mW
VDD
Peak power during RESET of the device.
Reset Power
210
mW
VDD3
Peak power during RESET of the device.
Reset Power
35, 27
mW
VDDS, VDDA
Peak power during RESET of the device.
Peak sustained Power
1858
mW
VDD
All sRIO ports enabled at maximum speed, maximum traffic to the
switch.
Peak sustained Power
214
mW
VDD3
All sRIO ports enabled at maximum speed, maximum traffic to the
switch.
Peak sustained Power
512, 349
mW
VDDS, VDDA
All sRIO ports enabled at maximum speed, maximum traffic to the
switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com