Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMD3 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # PIMD3
Description  NPN/PNP resistor-equipped transistors; R1 = 10 k, R2 = 10 k
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PIMD3 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  PIMD3 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PIMD3 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PIMD3 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PIMD3 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PIMD3 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PIMD3 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PIMD3 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PIMD3 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PIMD3 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
© Nexperia B.V. 2017. All rights reserved
PEMD3_PIMD3_PUMD3
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 11 — 25 September 2013
3 of 18
Nexperia
PEMD3; PIMD3; PUMD3
NPN/PNP resistor-equipped transistors
5.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per transistor; for the PNP transistor (TR2) with negative polarity
VCBO
collector-base voltage
open emitter
-
50
V
VCEO
collector-emitter voltage
open base
-
50
V
VEBO
emitter-base voltage
open collector
-
10
V
VI
input voltage TR1
positive
-
+40
V
negative
-
10
V
input voltage TR2
positive
-
+10
V
negative
-
40
V
IO
output current
-
100
mA
ICM
peak collector current
-
100
mA
Ptot
total power dissipation
Tamb  25 C
[1]
PEMD3 (SOT666)
-
200
mW
PIMD3 (SOT457)
-
250
mW
PUMD3 (SOT363)
-
200
mW
Per device
Ptot
total power dissipation
Tamb  25 C
[1]
PEMD3 (SOT666)
-
300
mW
PIMD3 (SOT457)
-
400
mW
PUMD3 (SOT363)
-
300
mW
Tj
junction temperature
-
150
C
Tamb
ambient temperature
65
+150
C
Tstg
storage temperature
65
+150
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com