Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSPT857C Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # CSPT857C
Description  2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CSPT857C Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button CSPT857C Datasheet HTML 8Page - Renesas Technology Corp CSPT857C Datasheet HTML 9Page - Renesas Technology Corp CSPT857C Datasheet HTML 10Page - Renesas Technology Corp CSPT857C Datasheet HTML 11Page - Renesas Technology Corp CSPT857C Datasheet HTML 12Page - Renesas Technology Corp CSPT857C Datasheet HTML 13Page - Renesas Technology Corp CSPT857C Datasheet HTML 14Page - Renesas Technology Corp CSPT857C Datasheet HTML 15Page - Renesas Technology Corp CSPT857C Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
IDTCSPT857C
2.5V - 2.6V PLL DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
Figure 8. Input and Output Slew Rates
Clock Inputs
and Outputs
80%
20%
VID, VOD
tR
tF
80%
20%
APPLICATION INFORMATION
Clock Loading on the PLL outputs (pF)
Clock Structure
# of SDRAM Loads per Clock
Min.
Max.
#1
2
4
7
#2
4
8
14
TEST CIRCUIT AND SWITCHING WAVEFORMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com