Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C652 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # 80C652
Description  CMOS single-chip 8-bit microcontrollers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

80C652 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button 80C652 Datasheet HTML 15Page - NXP Semiconductors 80C652 Datasheet HTML 16Page - NXP Semiconductors 80C652 Datasheet HTML 17Page - NXP Semiconductors 80C652 Datasheet HTML 18Page - NXP Semiconductors 80C652 Datasheet HTML 19Page - NXP Semiconductors 80C652 Datasheet HTML 20Page - NXP Semiconductors 80C652 Datasheet HTML 21Page - NXP Semiconductors 80C652 Datasheet HTML 22Page - NXP Semiconductors 80C652 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
Phlips Semiconductors
Product specification
80C652/83C652
CMOS single-chip 8-bit microcontrollers
1996 Aug 15
19
VDD
P0
EA
RST
XTAL1
XTAL2
VSS
VDD
VDD
VDD
IDD
(NC)
CLOCK SIGNAL
Figure 9. IDD Test Condition, Active Mode
All other pins are disconnected
VDD
P0
RST
XTAL1
XTAL2
VSS
VDD
VDD
IDD
(NC)
CLOCK SIGNAL
P1.6
P1.7
P1.6
P1.7
EA
*
*
*
*
Figure 10. IDD Test Condition, Idle Mode
All other pins are disconnected
VDD
P0
RST
XTAL1
XTAL2
VSS
VDD
VDD
IDD
(NC)
Figure 11. IDD Test Condition, Power Down Mode
All other pins are disconnected. VDD = 2V to 5.5V
P1.6
P1.7
EA
*
*
NOTE:
*
Ports 1.6 and 1.7 should be connected to VCC through resistors of sufficiently high value such that the sink current into these pins does not
exceed the IOL1 specification.
Purchase of Philips I2C components conveys a license under the Philips’ I2C patent
to use the components in the I2C system provided the system conforms to the
I2C specifications defined by Philips. This specification can be ordered using the
code 9398 393 40011.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com