Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL-R2134 Datasheet(PDF) 1 Page - Yellow Stone Corp

Part # BL-R2134
Description  STANDARD LED LAMP(RECTANGULAR TYPE)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YSTONE [Yellow Stone Corp]
Direct Link  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

BL-R2134 Datasheet(HTML) 1 Page - Yellow Stone Corp

  BL-R2134 Datasheet HTML 1Page - Yellow Stone Corp BL-R2134 Datasheet HTML 2Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Chip
Absolute Maximum
Ratings
Electro-optical
Data(At 20mA)
Vf
(V)
Iv
(mcd)
Package
Part No.
Material/ Emitted
Color
Peak
Wave
Length
p
(nm)
Lens
Appearance
(nm)
Pd
(mw)
If
(mA)
Peak
(mA) Typ Max Typ.
Viewing
Angle
2 1/2
(deg)
Drawing
No.
BL-R1132R GaAsP/GaAs/ Red
655
40
80
40
200 1.7 2.0
0.5
BL-R5132R GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6
1.2
BL-R4532R GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150 2.0 2.6
8.0
BL-R2132R GaP/GaP/ Green
568
Green Diffused
30
80
30
150 2.2 2.6
8.0
BL-R3132R GaAsP/GaP/ Yellow
585
Yellow Diffused
35
80
30
150 2.1 2.6
7.0
BL-R4132R GaAsP/GaP/ Orange
635
Orange Diffused
45
80
30
150 2.0 2.6
8.0
1.9x5.0x
6.8mm
1.0" Lead
Rectangular
BL-RX1132R GaP/GaP/ Hi-Eff Green
568
Green Diffused
30
80
30
150 2.2 2.6 12.0
140
L-081
BL-R1432T GaAsP/GaAs/ Red
655
40
80
40
200 1.7 2.0 14.0
BL-R5432T GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6 30.0
BL-R4632T GaAsP/GaP/ Hi-Eff Red
635
Red Trans
45
80
30
150 2.0 2.6 80.0
BL-R2432T GaP/GaP/ Green
568
Green Trans
30
80
30
150 2.2 2.6 80.0
BL-R3432T GaAsP/GaP / Yellow
585
Yellow Trans
35
80
30
150 2.1 2.6 70.0
BL-R4432T GaAsP/GaP/ Orange
635
Orange Trans
45
80
30
150 2.0 2.6 80.0
2.4x5.0x
8.6mm
1.0" Lead
Rectangular
BL-RX1432T GaP/GaP/ Hi-Eff Green
568
Green Trans
30
80
30
150 2.2 2.6 100
40
L-082
BL-R1322U GaAsP/GaAs/ Red
655
40
80
40
200 1.7 2.0
1.2
BL-R5322U GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6
2.5
BL-R4322U GaAsP/GaP/ Hi-Eff Red
635
45
80
30
150 2.0 2.6 12.0
BL-R2322U GaP/GaP/ Green
568
30
80
30
150 2.2 2.6 12.0
BL-R3322U GaAsP/GaP / Yellow
585
35
80
30
150 2.1 2.6 11.0
BL-R8322U GaP/GaP/ Amber
610
35
80
30
150 2.0 2.6 10.0
2.3x4.6x
4.6mm
0.5" Lead
Rectangular
BL-R9322U GaP/GaP/ Green
555
Water Clear
25
80
30
150 2.2 2.6
0.9
100
L-083
BL-R1132W GaAsP/GaAs/ Red
655
40
80
40
200 1.7 2.0
0.9
BL-R5132W GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6
1.8
BL-R4532W GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150 2.0 2.6
6.0
BL-R2132W GaP/GaP/ Green
568
Green Diffused
30
80
30
150 2.2 2.6
6.0
BL-R3132W GaAsP/GaP / Yellow
585
Yellow Diffused
35
80
30
150 2.1 2.6
5.0
BL-R4132W GaAsP/GaP/ Orange
635
Orange Diffused
25
80
30
150 2.0 2.6
6.0
2.0x5.03x
7.2mm
1.0" Lead
Rectangular
BL-R9132W GaP/GaP/ Pure Green
555
Green Diffused
30
80
30
150 2.2 2.6
0.7
140
L-084
BL-R1122Z GaAsP/GaAs/ Red
655
40
80
40
200 1.7 2.0
0.6
BL-R5122Z GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6
1.5
BL-R4622Z GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150 2.0 2.6
8.0
BL-R2122Z GaP/GaP/ Green
568
Green Diffused
30
80
30
150 2.2 2.6
8.0
BL-R3122Z GaAsP/GaP/ Yellow
585
Yellow Diffused
35
80
30
150 2.1 2.6
7.0
BL-R4122Z GaAsP/GaP/ Orange
635
Orange Diffused
25
80
30
150 2.0 2.6
8.0
2.3x4.8x
4.5mm
0.5" Lead
Rectangular
BL-R9122Z GaP/GaP/ Pure Green
555
Green Diffused
30
80
30
150 2.2 2.6
0.8
100
L-085
BL-R1133
GaAsP/GaAs/ Red
655
40
80
40
200 1.7 2.0
0.4
BL-R5133
GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6
0.8
BL-R4533
GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150 2.0 2.6
5.0
BL-R2133
GaP/GaP/ Green
568
Green Diffused
30
80
30
150 2.2 2.6
5.0
BL-R3133
GaAsP/GaP / Yellow
585
Yellow Diffused
35
80
30
150 2.1 2.6
4.0
BL-R4133
GaAsP/GaP/ Orange
635
Orange Diffused
45
80
30
150 2.0 2.6
5.0
1.4x3.9x
7.0mm
1.0" Lead
Rectangular
BL-RX1133 GaP/GaP/ Pure Green
568
Green Diffused
30
80
30
150 2.2 2.6
8.0
125
L-086
BL-R1133A GaAsP/GaAs/ Red
655
40
80
40
200 1.7 2.0
0.5
BL-R5133A GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6
0.9
BL-R4533A GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150 2.0 2.6
6.0
BL-R2133A GaP/GaP/ Green
568
Green Diffused
30
80
30
150 2.2 2.6
6.0
BL-R3133A GaAsP/GaP / Yellow
585
Yellow Diffused
35
80
30
150 2.1 2.6
5.0
1.2x3.5x
5.2mm
1.0" Lead
Rectangular
BL-R4133A GaAsP/GaP/ Orange
635
Orange Diffused
25
80
30
150 2.0 2.6
6.0
120
L-087
BL-R1134
GaAsP/GaAs/ Red
655
40
80
40
200 1.7 2.0
0.4
BL-R5134
GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6
0.8
BL-R4534
GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150 2.0 2.6
5.0
BL-R2134
GaP/GaP/ Green
568
Green Diffused
30
80
30
150 2.2 2.6
5.0
2.0x3.5x
5.6mm
1.0" Lead
Rectangular
BL-R3134
GaAsP/GaP / Yellow
585
Yellow Diffused
35
80
30
150 2.1 2.6
4.0
120
L-088
Remark
1.Hi-Eff Red / High-Efficiency Red.
2.Trans / Transparent.
3.2 1/2 The off-axis angle at which the luminous intensity is half the axial luminous intensity.
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.


Similar Part No. - BL-R2134

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-R2130 YSTONE-BL-R2130 Datasheet
401Kb / 4P
STANDARD LED LAMPS (RECTANGULAR TYPES)
BL-R2130 YSTONE-BL-R2130 Datasheet
372Kb / 2P
STANDARD LED LAMPS (RECTANGULAR TYPES)
logo
BRIGHT LED ELECTRONICS ...
BL-R2130 BRIGHT-BL-R2130 Datasheet
141Kb / 2P
GaP/GaP Green Low power consumption.
logo
Yellow Stone Corp
BL-R2130A-T YSTONE-BL-R2130A-T Datasheet
372Kb / 2P
STANDARD LED LAMPS (RECTANGULAR TYPES)
BL-R2130N YSTONE-BL-R2130N Datasheet
401Kb / 4P
STANDARD LED LAMPS (RECTANGULAR TYPES)
More results

Similar Description - BL-R2134

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LRB4801111 SIEMENS-LRB4801111 Datasheet
94Kb / 1P
RECTANGULAR LED LAMP
logo
Kingbright Corporation
WP113EDT KINGBRIGHT-WP113EDT Datasheet
260Kb / 6P
2x5mm RECTANGULAR LED LAMP
WP1773ND KINGBRIGHT-WP1773ND Datasheet
74Kb / 3P
1.75x3.9mm RECTANGULAR LED LAMP
logo
BetLux Electronics
BL-L2506SRC BETLUX-BL-L2506SRC Datasheet
94Kb / 3P
Rectangular Type LED lamp
REV NO: V.2
BL-L2516SRC BETLUX-BL-L2516SRC Datasheet
91Kb / 3P
Rectangular Type LED lamp
REV NO: V.2
BL-L2519EGW BETLUX-BL-L2519EGW Datasheet
61Kb / 3P
Rectangular Type, BI-COLOR LED lamp
REV NO: V.2
logo
Marktech Corporate
MT112T-RG-A MARKTECH-MT112T-RG-A Datasheet
136Kb / 6P
RECTANGULAR LED LAMP
MT212T-G-A MARKTECH-MT212T-G-A Datasheet
188Kb / 5P
RECTANGULAR LED LAMP
MT112T-RG-A MARKTECH-MT112T-RG-A_15 Datasheet
136Kb / 6P
RECTANGULAR LED LAMP
MT212T-G-A MARKTECH-MT212T-G-A_15 Datasheet
188Kb / 5P
RECTANGULAR LED LAMP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com