Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

932SQL450BKLF Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 932SQL450BKLF
Description  Low-Power CK420BQ Derivative for PCIe Common Clock Architectures
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

932SQL450BKLF Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 932SQL450BKLF Datasheet HTML 3Page - Renesas Technology Corp 932SQL450BKLF Datasheet HTML 4Page - Renesas Technology Corp 932SQL450BKLF Datasheet HTML 5Page - Renesas Technology Corp 932SQL450BKLF Datasheet HTML 6Page - Renesas Technology Corp 932SQL450BKLF Datasheet HTML 7Page - Renesas Technology Corp 932SQL450BKLF Datasheet HTML 8Page - Renesas Technology Corp 932SQL450BKLF Datasheet HTML 9Page - Renesas Technology Corp 932SQL450BKLF Datasheet HTML 10Page - Renesas Technology Corp 932SQL450BKLF Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
REVISION B 03/06/15
7
LOW-POWER CK420BQ DERIVATIVE FOR PCIE COMMON CLOCK ARCHITECTURES
932SQL450 DATASHEET
Power Supply and Test Loads
Alternate Terminations
Low-Power Differential Output (w/Integrated Rs) Test Load
2pF
10 inches
Zo = 85
2pF
Rs=27
CL=5pF
20 inches
Zo = 50
Single-ended Output Test Load
Alternate termination for driving 100 transmission lines
2pF
Zo = 100
2pF
Rs=7
Rs=7
Rs=16
Zo = 50
CL=5pF
Rs=16
Zo = 50
CL=5pF
Alternate termination for driving 2 50 loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com