Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

932SQL456AKLF Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 932SQL456AKLF
Description  Low-Power CK420BQ Derivative for PCIe Separate Clock Architectures
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

932SQL456AKLF Datasheet(HTML) 1 Page - Renesas Technology Corp

  932SQL456AKLF Datasheet HTML 1Page - Renesas Technology Corp 932SQL456AKLF Datasheet HTML 2Page - Renesas Technology Corp 932SQL456AKLF Datasheet HTML 3Page - Renesas Technology Corp 932SQL456AKLF Datasheet HTML 4Page - Renesas Technology Corp 932SQL456AKLF Datasheet HTML 5Page - Renesas Technology Corp 932SQL456AKLF Datasheet HTML 6Page - Renesas Technology Corp 932SQL456AKLF Datasheet HTML 7Page - Renesas Technology Corp 932SQL456AKLF Datasheet HTML 8Page - Renesas Technology Corp 932SQL456AKLF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
DATASHEET
932SQL456 REVISION B 09/29/15
1
Low-Power CK420BQ Derivative for PCIe
Separate Clock Architectures
932SQL456
General Description
The 932SQL456 is a low power version of the CK420BQ
synthesizer for Intel-based server platforms. It has 85 ohm
Low-Power (LP) HCSL outputs that save 48 resistors and
reduce power consumption by 50% compared to the standard
CK420BQ. The 932SQL456 is driven with a 25MHz crystal for
maximum performance. It generates CPU outputs of
100MHz. This device meets Separate- Reference-no-Spread
(SRnS) PCIe requirements making it ideal for use in systems
that need to communicate “outside the box”.
Recommended Application
Low-Power CK420BQ for SRnS PCIe Applications
Key Specifications
• CPU, SRC, NS_SRC and NS_SAS cycle-cycle jitter <50ps
• Output to output skew <50ps
• Phase jitter: PCIe Gen2 SRnS <2.2ps rms
• Phase jitter: PCIe Gen3 SRnS <0.7ps rms
• Phase jitter: QPI <0.3ps rms
• Phase jitter: NS-SAS <1.3ps rms using long period phase
jitter method
Features/Benefits
• Integrated 85-ohm differential terminations; saves 48
resistors compared to CK420BQ
• LP-HCSL outputs; up to 50% power savings compared to
standard CK420BQ
• 64-pin TSSOP and VFQFPN packages; smallest board
footprint
• Available in -40° to +85°C industrial temperature range
version; supports demanding operating environments
Output Features
• Differential outputs are LP-HCSL with integrated 85
terminations
• 11 – non-spreading interchangeable 100MHz differential
outputs
• 4 – “CPU” outputs
• 2 – “NS_SAS” outputs
• 2 – “NS_SRC” outputs
• 3 – “SRC” outputs
• 1 – DOT96 96MHz output
• 1 – 3.3V 48M output
• 5 – 3.3V PCI outputs
• 1 – 3.3V 14.318M output
Pin Configurations
Note: Pins with ^ prefix have internal 120K pullup
Pins with v prefix have internal 120K pulldown
GNDPCI
VDDPCI
PCI4_2x
PCI3_2x
PCI2_2x
PCI1_2x
PCI0_2x
GNDPCI
VDDPCI
VDD48
48M_2x
GND48
GND96
DOT96_Z85T
DOT96_Z85C
AVDD96
Note: Pins with ^ prefix have internal 120K pullup
Pins with v prefix have internal 120K pulldown


Similar Part No. - 932SQL456AKLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
932SQL456AKLF IDT-932SQL456AKLF Datasheet
381Kb / 23P
Low-Power CK420BQ Derivative for PCIe Separate Clock Architectures
932SQL456AKLF IDT-932SQL456AKLF Datasheet
381Kb / 23P
Low-Power CK420BQ Derivative for PCIe
932SQL456AKLFT IDT-932SQL456AKLFT Datasheet
381Kb / 23P
Low-Power CK420BQ Derivative for PCIe Separate Clock Architectures
932SQL456AKLFT IDT-932SQL456AKLFT Datasheet
381Kb / 23P
Low-Power CK420BQ Derivative for PCIe
More results

Similar Description - 932SQL456AKLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
932SQ426 IDT-932SQ426_16 Datasheet
375Kb / 25P
DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
932SQL456 IDT-932SQL456 Datasheet
381Kb / 23P
Low-Power CK420BQ Derivative for PCIe Separate Clock Architectures
932QL456 IDT-932QL456 Datasheet
381Kb / 23P
Low-Power CK420BQ Derivative for PCIe
9SQL4952 IDT-9SQL4952 Datasheet
312Kb / 20P
2-output CK420BQ Derivative
9SQL4954 IDT-9SQL4954 Datasheet
320Kb / 20P
4-output CK420BQ Derivative
9SQL4958 IDT-9SQL4958 Datasheet
318Kb / 20P
8-output CK420BQ Derivative
9ZML1233E IDT-9ZML1233E Datasheet
408Kb / 24P
2:12 DB1200ZL Derivative for PCIe Gen1-4
9ZXL0631E IDT-9ZXL0631E Datasheet
303Kb / 20P
6-Output DB800ZL Derivative for PCIe Gen1?? and UPI
logo
Renesas Technology Corp
932SQ426 RENESAS-932SQ426 Datasheet
559Kb / 26P
CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
REV C 022916
932SQL450 RENESAS-932SQL450 Datasheet
7Mb / 24P
Low-Power CK420BQ Derivative for PCIe Common Clock Architectures
03/06/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com