Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1122AEHZ Datasheet(PDF) 17 Page - Analog Devices

Part # ADPA1122AEHZ
Description  43 dBm, 20 W, GaN Power Amplifier, 8.2 GHz to 11.8 GHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1122AEHZ Datasheet(HTML) 17 Page - Analog Devices

Back Button ADPA1122AEHZ Datasheet HTML 9Page - Analog Devices ADPA1122AEHZ Datasheet HTML 10Page - Analog Devices ADPA1122AEHZ Datasheet HTML 11Page - Analog Devices ADPA1122AEHZ Datasheet HTML 12Page - Analog Devices ADPA1122AEHZ Datasheet HTML 13Page - Analog Devices ADPA1122AEHZ Datasheet HTML 14Page - Analog Devices ADPA1122AEHZ Datasheet HTML 15Page - Analog Devices ADPA1122AEHZ Datasheet HTML 16Page - Analog Devices ADPA1122AEHZ Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
Data Sheet
ADPA1122
OUTLINE DIMENSIONS
©2023 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. 0 | 17 of 17
TOP VIEW
BOTTOM VIEW
SIDE VIEW
7.20
7.00 SQ
6.80
PIN 1
INDICATOR
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
4.55 BSC
SQ
5.40 SQ
1
4
5
9
10
13
14
18
1.00 BSC
3.10
3.00
2.90
4.50
4.40
4.30
3.55
3.45
3.35
1.75
1.65
1.55
0.31
0.25
0.19
0.60
0.50
0.40
1.21
1.15
1.09
0.63
0.57
0.51
0.80 REF
0.35 REF
0.89
1.05
1.444
1.317
1.190
Figure 50. 18-Terminal Ceramic Leadless Chip Carrier with Heat Sink [LCC_HS]
(EH-18-1)
Dimensions shown in millimeters
Updated: September 07, 2022
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package Option
ADPA1122AEHZ
−40°C to +85°C
18-Terminal Ceramic Leadless Chip Carrier with Heat Sink
[LCC_HS]
Reel, 1
EH-18-1
ADPA1122AEHZ-R7
−40°C to +85°C
18-Terminal Ceramic Leadless Chip Carrier with Heat Sink
[LCC_HS]
Reel, 100
EH-18-1
1 Z = RoHS Compliant Part.
EVALUATION BOARDS
Table 8. Evaluation Boards
Models1
Description
ADPA1122-EVALZ
Evaluation Board
1 Z = RoHS-Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com