Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP151688 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EP151688
Description  Current Sense Transformers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EP151688 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EP151688 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
Current Sense Transformers
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Frequency Range : 20 KHz to 50 KHz
• Test Conditions :
Termination : 50
Ω, 100 Ω & 200 Ω for 1 Volt/Ampere Scaling
Peak Current Sense : 20 Amperes with 40% Duty Factor
• Add “-LF” after part number for Lead-Free
EP151XXX & EP151XXX-LF
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
Schematic
A
A
A
B
B
B
Part
Number
EP151686(-LF)
EP151687A(-LF)
EP151688(-LF)
EP151717(-LF)
EP151718(-LF)
EP151719(-LF)
Turns
(± 5%)
50
100
200
50 CT
100 CT
200 CT
DCR
(
Ω Max.)
@ Pins 1 & 3
0.6
1.2
4.0
0.6
1.2
4.0
5
20
80
5
20
80
Inductance
(mH Min.)
@ Pins 1 & 3
CS151XXX & - LF
Rev. 2
9/27/05 FT
Package
.375Max.
(9.52)
.670Max.
(17.02)
.170 (4.32)
.500 Min.
(12.70)
.500
(12.70)
.250
(.635)
.425
(10.79)
.030/.034
(.762/.864)
.015 Min.
(.381)
.800
Max.
(20.32)
Schematic
1
3
A
B
3
2
1
PCA
EP151XXX(-LF)
Date Code
Notes :
2. Peak Solder Rating
(per IPC/JEDEC-JESD22-B106-B)
3. Weight
1. Assembly Process
(Solder Composition)
Leadframe :
Assembly Solder :
4. Packaging Information
Tray :
EP151XXX-LF
260°C
10 (+2/-0) seconds
TBD
Pb Free
Pb Free
TBD pieces
EP151XXX
260°C
10 (+2/-0) seconds
TBD
SnPb or SnAg
SnAgCu
TBD pieces
Grams :


Similar Part No. - EP151688

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP151688 PCA-EP151688 Datasheet
22Kb / 1P
Current Sense Transformers
More results

Similar Description - EP151688

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC3108G-125 PCA-EPC3108G-125_07 Datasheet
25Kb / 1P
Current Sense Transformers
EP151XXX PCA-EP151XXX_15 Datasheet
22Kb / 1P
Current Sense Transformers
EPC3108G-XXX PCA-EPC3108G-XXX_15 Datasheet
25Kb / 1P
Current Sense Transformers
logo
TRIAD MAGNETICS
CST206-1T TRIAD-CST206-1T Datasheet
86Kb / 1P
Current Sense Transformers
CST206-2T TRIAD-CST206-2T Datasheet
86Kb / 1P
Current Sense Transformers
CST206-3A TRIAD-CST206-3A Datasheet
85Kb / 1P
Current Sense Transformers
CST306-3A TRIAD-CST306-3A Datasheet
85Kb / 1P
Current Sense Transformers
logo
Coilcraft lnc.
CST7030 COILCRAFT-CST7030 Datasheet
173Kb / 2P
Current Sense Transformers
CST2010 COILCRAFT-CST2010 Datasheet
182Kb / 2P
Current Sense Transformers
CS4050V-01L COILCRAFT-CS4050V-01L_15 Datasheet
255Kb / 1P
Current Sense Transformers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com