Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33TPHF2XI2C Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST33TPHF2XI2C
Description  STSAFE-TPM ST33TPHF2XI2C: TPM 2.0 device with an I²C interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF2XI2C Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST33TPHF2XI2C Datasheet HTML 13Page - STMicroelectronics ST33TPHF2XI2C Datasheet HTML 14Page - STMicroelectronics ST33TPHF2XI2C Datasheet HTML 15Page - STMicroelectronics ST33TPHF2XI2C Datasheet HTML 16Page - STMicroelectronics ST33TPHF2XI2C Datasheet HTML 17Page - STMicroelectronics ST33TPHF2XI2C Datasheet HTML 18Page - STMicroelectronics ST33TPHF2XI2C Datasheet HTML 19Page - STMicroelectronics ST33TPHF2XI2C Datasheet HTML 20Page - STMicroelectronics ST33TPHF2XI2C Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
6.2
Thermal characteristics of packages
The table below provides the thermal characteristics of the VFQFPN32 package.
Table 12. Thermal characteristics
Parameter
Symbol
Value
Recommended operating temperature range
Ambient temperature
TA
−40 to 105 °C
Case temperature
TC
-
Junction temperature
TJ
−43 to 108 °C
Absolute maximum junction temperature
-
125 °C
Maximum power dissipation
-
63 mW
Theta-JA, -JB and -JC
Junction to ambient thermal resistance
θJA(1)
35.8 at 0 lfpm (2)
Junction to case thermal resistance
θJC
1.48 at 0 lfpm(2)
Junction to board thermal resistance
θJB
13.9 at 0 lfpm(2)
1. According to JESD51-2 (still air condition).
2. Linear feet per minute.
ST33TPHF2XI2C
Thermal characteristics of packages
DS14167 - Rev 1
page 17/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com