Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3021ILT Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS3021ILT
Description  Rail-to-rail 1.8 V high-speed comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3021ILT Datasheet(HTML) 2 Page - STMicroelectronics

  TS3021ILT Datasheet HTML 1Page - STMicroelectronics TS3021ILT Datasheet HTML 2Page - STMicroelectronics TS3021ILT Datasheet HTML 3Page - STMicroelectronics TS3021ILT Datasheet HTML 4Page - STMicroelectronics TS3021ILT Datasheet HTML 5Page - STMicroelectronics TS3021ILT Datasheet HTML 6Page - STMicroelectronics TS3021ILT Datasheet HTML 7Page - STMicroelectronics TS3021ILT Datasheet HTML 8Page - STMicroelectronics TS3021ILT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1
Absolute maximum ratings and operating conditions
Table 1. Absolute maximum ratings (AMR)
Symbol
Parameter
Value
Unit
VCC
Supply voltage, VCC = (VCC+) - (VCC-)(1)
5.5
V
VID
Differential input voltage (2)
±5
VIN
Input voltage range
(VCC-) - 0.3 to
(VCC+) + 0.3
Rthja
Thermal resistance junction-to-ambient (3)
SOT23-5
250
°C/W
SC70-5
205
Rthjc
Thermal resistance junction-to-case (3)
SOT23-5
81
SC70-5
172
Tstg
Storage temperature
-65 to 150
°C
Tj
Junction temperature
150
TLEAD
Lead temperature (soldering 10 s)
260
ESD
HBM: human body model (4)
5000
V
MM: machine model (5)
300
CDM: charged device model (6)
1500
1. All voltage values, except the differential voltage are referenced to (VCC-)
2. The magnitude of the input and output voltages must never exceed the supply rail ±0.3 V
3. Short circuits can cause excessive heating. These values are typical
4. Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a 1.5 kΩ resistor
between two pins of the device. This is done for all couples of connected pin combinations while the other pins are floating.
5. Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between two pins of the
device with no external series resistor (internal resistor < 5 Ω). This is done for all couples of connected pin combinations
while the other pins are floating.
6. Charged device model: all pins and the package are charged together to the specified voltage and then discharged directly
to the ground through only one pin. This is done for all pins.
Table 2. Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
0 °C < Tamb < 125 °C
1.8 to 5
V
-40 °C < Tamb < 125°C
2 to 5
Vicm
Common mode input voltage range
-40 °C < Tamb < 85 °C
(VCC- ) - 0.2 to (VCC+) + 0.2
85 °C < Tamb < 125 °C
(VCC- ) to (VCC+)
Toper
Operating temperature range
-40 to 125
°C
TS3021, TS3021A
Absolute maximum ratings and operating conditions
DS4807 - Rev 9
page 2/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com