Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70134 Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST70134
Description  ASCOTTM INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70134 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST70134_V01 Datasheet HTML 14Page - STMicroelectronics ST70134_V01 Datasheet HTML 15Page - STMicroelectronics ST70134_V01 Datasheet HTML 16Page - STMicroelectronics ST70134_V01 Datasheet HTML 17Page - STMicroelectronics ST70134_V01 Datasheet HTML 18Page - STMicroelectronics ST70134_V01 Datasheet HTML 19Page - STMicroelectronics ST70134_V01 Datasheet HTML 20Page - STMicroelectronics ST70134_V01 Datasheet HTML 21Page - STMicroelectronics ST70134_V01 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
ST70134A
18/22
ELECTRICAL RATINGS AND CHARACTERISTICS
Absolute Maximum Ratings
Thermal Data
Operating Conditions
(Unless specified, the characteristic limits of ’Static Characteristics’ in this document apply over an
Top = -40 to 80°C; VDD within the range 3 to 3.6V ref. to substrate.
STATIC CHARACTERISTICS
Digital Inputs
Schmitt-trigger inputs: TXi, CTRLIN, PDOWN, RESETN
Symbol
Parameter
Minimum
Maximum
Unit
VDD
Any VDD Supply Voltage, related to substrate
- 0.5
5
V
Vin
Voltage at any input pin
-0.5
VDD +0.5
V
Tstg
Storage Temperature
-40
125
×C
TL
Lead Temperature (10 second soldering)
300
×C
ILU
Latch - up current @80°C
100
mA
IAVDD
Analog Supply Current @ 3.6V - normal operation
165
mA
IAVDD
Analog Supply Current @ 3.6V - power down
30
mA
IDVDD
Analog Supply Current @ 3.6V - normal operation
56
mA
IDVDD
Analog Supply Current @ 3.6V - power down
50
mA
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal and Junction ambient
50
°C/W
Symbol
Parameter
Minimum
Maximum
Unit
AVDD
AVDD Supply Voltage, related to substrate
3.0
3.6
V
DVDD
DVDD Supply Voltage, related to substrate
2.7
3.6
V
Vin /Vout
Voltage at any input and output pin
0
VDD
V
Pd
Power Dissipation
0.4
0.6
W
Tamb
Ambient Temperature
-40
80
°C
Tj
Junction Temperature
-40
110
°C
Symbol
Parameter
Test Condition
Minimum
Typical
Maximum
Unit
VIL
Low Level Input Voltage
0.3 x DVDD
V
VIH
High Level Input Voltage
0.7 x DVDD
V
VH
Hysteresis
1.0
1.3
V
Cimp
Input Capacitance
3
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com