Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3021ICT Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS3021ICT
Description  Rail-to-rail 1.8 V high-speed comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3021ICT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS3021ICT Datasheet HTML 2Page - STMicroelectronics TS3021ICT Datasheet HTML 3Page - STMicroelectronics TS3021ICT Datasheet HTML 4Page - STMicroelectronics TS3021ICT Datasheet HTML 5Page - STMicroelectronics TS3021ICT Datasheet HTML 6Page - STMicroelectronics TS3021ICT Datasheet HTML 7Page - STMicroelectronics TS3021ICT Datasheet HTML 8Page - STMicroelectronics TS3021ICT Datasheet HTML 9Page - STMicroelectronics TS3021ICT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
3
Electrical characteristic curves
Figure 1. Current consumption vs. supply voltage
(Vicm = 0 V, output high)
1.8
2.2
2.6
3.0
3.4
3.8
4.2
4.6
5.0
60
64
68
72
76
80
84
V
CC(V)
-40
oC
+125
oC
+25
oC
V
ICM= 0V
outp
ut HIGH
Figure 2. Current consumption vs. supply voltage
(Vicm = Vcc output high)
1.8
2.2
2.6
3.0
3.4
3.8
4.2
4.6
5.0
85
90
95
100
105
110
115
V
CC(V)
-40
oC
+125
oC
+25
oC
V
ICM=VCC
output HIGH
Figure 3. Current consumption vs. supply voltage
(Vicm = 0 V, output low)
1.8
2.2
2.6
3.0
3.4
3.8
4.2
4.6
5.0
72
76
80
84
88
92
96
100
V
CC(V)
-40
oC
+125
oC
+25
oC
V
ICM= 0V
output LOW
Figure 4. Current consumption vs. supply voltage
(Vicm = Vcc output low)
1.8
2.2
2.6
3.0
3.4
3.8
4.2
4.6
5.0
76
80
84
88
92
96
100
104
V
CC(V)
-40
oC
+125
oC
+25
oC
V
ICM=VCC
output LOW
Figure 5. Output voltage vs. source current, Vcc = 2 V
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
I
SOURCE (mA)
+125
oC
-40
oC
+25
oC
V
CC= 2V
output HIGH
Figure 6. Output voltage vs. sink current, Vcc = 2 V
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
0.0
0.1
0.2
0.3
0.4
0.5
+25
oC
I
SINK(mA)
+125
oC
-40
oC
V
CC= 2V
output LOW
TS3021, TS3021A
Electrical characteristic curves
DS4807 - Rev 9
page 6/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com