Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEF12SGR Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEF12SGR
Description  Electronic fuse for 12 V line
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF12SGR Datasheet(HTML) 2 Page - STMicroelectronics

  STEF12SGR Datasheet HTML 1Page - STMicroelectronics STEF12SGR Datasheet HTML 2Page - STMicroelectronics STEF12SGR Datasheet HTML 3Page - STMicroelectronics STEF12SGR Datasheet HTML 4Page - STMicroelectronics STEF12SGR Datasheet HTML 5Page - STMicroelectronics STEF12SGR Datasheet HTML 6Page - STMicroelectronics STEF12SGR Datasheet HTML 7Page - STMicroelectronics STEF12SGR Datasheet HTML 8Page - STMicroelectronics STEF12SGR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
1
Diagram
Figure 1. Block diagram
ENABLE
CHARGE
PUMP AND
GATE DRIVER
dV/ dt
control
UVLO
CURRENT
LIMIT
Voltage
Control
Thermal
Protection
VCC
VOUT
EN/Fault
dV/dt
GND
ILIM
5 V
IIL
VG
20 µA
Note:
Gate driver pin VG is available on DFN10 version only.
STEF12S
Diagram
DS13002 - Rev 5
page 2/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com