Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEF12SAGR Datasheet(PDF) 27 Page - STMicroelectronics

Part # STEF12SAGR
Description  Electronic fuse for 12 V line
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF12SAGR Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STEF12SAGR Datasheet HTML 23Page - STMicroelectronics STEF12SAGR Datasheet HTML 24Page - STMicroelectronics STEF12SAGR Datasheet HTML 25Page - STMicroelectronics STEF12SAGR Datasheet HTML 26Page - STMicroelectronics STEF12SAGR Datasheet HTML 27Page - STMicroelectronics STEF12SAGR Datasheet HTML 28Page - STMicroelectronics STEF12SAGR Datasheet HTML 29Page - STMicroelectronics STEF12SAGR Datasheet HTML 30Page - STMicroelectronics STEF12SAGR Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
Revision history
Table 12. Document revision history
Date
Revision
Changes
17-Dec-2019
1
Initial release.
29-May-2020
2
Updated Figure 1, VI(INT) max. value in Table 5, Section 6.7 En/Fault pin, Section 6.9 Application
suggestions and PCB layout guidelines and Figure 33.
Added row RLim parameter in Table 4 and new order code STEF12SAPUR in Table 11.
25-Aug-2020
3
Updated Table 11. Order codes.
23-Jun-2021
4
Added new section 8.3 TSOT23-8L packing information and Section 8.4 DFN10 (3 x 3 mm) packing
information.
28-Feb-2022
5
Added DFN10-3x3 new column values in Table 3
STEF12S
DS13002 - Rev 5
page 27/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com