Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBLS1502V Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PBLS1502V
Description  15 V PNP BISS loadswitch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PBLS1502V Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PBLS1502V Datasheet HTML 1Page - Nexperia B.V. All rights reserved PBLS1502V Datasheet HTML 2Page - Nexperia B.V. All rights reserved PBLS1502V Datasheet HTML 3Page - Nexperia B.V. All rights reserved PBLS1502V Datasheet HTML 4Page - Nexperia B.V. All rights reserved PBLS1502V Datasheet HTML 5Page - Nexperia B.V. All rights reserved PBLS1502V Datasheet HTML 6Page - Nexperia B.V. All rights reserved PBLS1502V Datasheet HTML 7Page - Nexperia B.V. All rights reserved PBLS1502V Datasheet HTML 8Page - Nexperia B.V. All rights reserved PBLS1502V Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
1.
Product profile
1.1 General description
Low VCEsat PNP transistor and NPN resistor-equipped transistor in one package.
1.2 Features
I Low VCEsat (BISS) transistor and resistor-equipped transistor in one package
I Low ‘threshold’ voltage (< 1 V) compared to MOSFET
I Low drive power required
I Space-saving solution
I Reduction of component count
1.3 Applications
I Supply line switches
I Battery charger switches
I High-side switches for LEDs, drivers and backlights
I Portable equipment
1.4 Quick reference data
PBLS1502Y; PBLS1502V
15 V PNP BISS loadswitch
Rev. 03 — 24 August 2009
Product data sheet
Table 1.
Product overview
Type number
Package
NXP
JEITA
PBLS1502Y
SOT363
SC-88
PBLS1502V
SOT666
-
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
TR1; PNP: low VCEsat transistor
VCEO
collector-emitter voltage
open base
-
-
−15
V
IC
collector-current (DC)
-
-
−500
mA
RCEsat
equivalent on-resistance
IC =−500 mA;
IB =−50 mA
-
300
500
m
Ω
TR2; NPN: resistor-equipped transistor
VCEO
collector-emitter voltage
open base
-
-
50
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com