Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBLS1503Y Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # PBLS1503Y
Description  15 V PNP BISS loadswitch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PBLS1503Y Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button PBLS1503Y Datasheet HTML 7Page - Nexperia B.V. All rights reserved PBLS1503Y Datasheet HTML 8Page - Nexperia B.V. All rights reserved PBLS1503Y Datasheet HTML 9Page - Nexperia B.V. All rights reserved PBLS1503Y Datasheet HTML 10Page - Nexperia B.V. All rights reserved PBLS1503Y Datasheet HTML 11Page - Nexperia B.V. All rights reserved PBLS1503Y Datasheet HTML 12Page - Nexperia B.V. All rights reserved PBLS1503Y Datasheet HTML 13Page - Nexperia B.V. All rights reserved PBLS1503Y Datasheet HTML 14Page - Nexperia B.V. All rights reserved PBLS1503Y Datasheet HTML 15Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
PBLS1503Y_PBLS1503V_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 24 August 2009
12 of 14
NXP Semiconductors
PBLS1503Y; PBLS1503V
15 V PNP BISS loadswitch
10. Revision history
Table 10.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PBLS1503Y_PBLS1503V_3 20090824
Product data sheet
-
PBLS1503Y_PBLS1503V_2
Modifications:
• This data sheet was changed to reflect the new company name NXP Semiconductors,
including new legal definitions and disclaimers. No changes were made to the technical
content.
• Table 3 “Discrete pinning”: amended
• Figure 13 “Package outline SOT363 (SC-88)”: updated
• Figure 14 “Package outline SOT666”: updated
PBLS1503Y_PBLS1503V_2 20041125
Product data sheet
-
PBLS1503V_1
PBLS1503V_1
20031107
Product specification
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com