Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBLS2001D Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # PBLS2001D
Description  20 V PNP BISS loadswitch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PBLS2001D Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button PBLS2001D Datasheet HTML 6Page - Nexperia B.V. All rights reserved PBLS2001D Datasheet HTML 7Page - Nexperia B.V. All rights reserved PBLS2001D Datasheet HTML 8Page - Nexperia B.V. All rights reserved PBLS2001D Datasheet HTML 9Page - Nexperia B.V. All rights reserved PBLS2001D Datasheet HTML 10Page - Nexperia B.V. All rights reserved PBLS2001D Datasheet HTML 11Page - Nexperia B.V. All rights reserved PBLS2001D Datasheet HTML 12Page - Nexperia B.V. All rights reserved PBLS2001D Datasheet HTML 13Page - Nexperia B.V. All rights reserved PBLS2001D Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
PBLS2001D_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 27 August 2009
9 of 16
NXP Semiconductors
PBLS2001D
20 V PNP BISS loadswitch
Tamb =25 °CIC/IB =20
(1) Tamb = 100 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
Fig 9.
TR1 (PNP): Collector current as a function of
collector-emitter voltage; typical values
Fig 10. TR1 (PNP): Collector-emitter saturation
resistance as a function of collector current;
typical values
Tamb =25 °C
(1) IC/IB = 100
(2) IC/IB =50
(3) IC/IB =10
Tamb =25 °C
(1) IC/IB = 100
(2) IC/IB =50
(3) IC/IB =10
Fig 11. TR1 (PNP): Collector-emitter saturation
voltage as a function of collector current;
typical values
Fig 12. TR1 (PNP): Collector-emitter saturation
resistance as a function of collector current;
typical values
006aaa420
VCE (V)
−0
−6
−4
−2
−0.8
−1.2
−0.4
−1.6
−2.0
IC
(A)
−0
IB = −13 mA
−10.4 mA
−11.7 mA
−9.1 mA
−6.5 mA
−3.9 mA
−5.2 mA
−2.6 mA
−1.3 mA
−7.8 mA
006aaa421
10
1
102
RCEsat
(
Ω)
10−1
IC (mA)
−10−1
−104
−103
−1
−102
−10
(1)
(2)
(3)
006aaa422
−10−1
−10−2
−1
VCEsat
(V)
−10−3
IC (mA)
−10−1
−104
−103
−1
−102
−10
(1)
(2)
(3)
006aaa423
IC (mA)
−10−1
−104
−103
−1
−102
−10
1
10
102
103
RCEsat
(
Ω)
10−1
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com