Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBLS2002S Datasheet(PDF) 14 Page - Nexperia B.V. All rights reserved

Part # PBLS2002S
Description  20 V PNP BISS loadswitch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PBLS2002S Datasheet(HTML) 14 Page - Nexperia B.V. All rights reserved

Back Button PBLS2002S Datasheet HTML 9Page - Nexperia B.V. All rights reserved PBLS2002S Datasheet HTML 10Page - Nexperia B.V. All rights reserved PBLS2002S Datasheet HTML 11Page - Nexperia B.V. All rights reserved PBLS2002S Datasheet HTML 12Page - Nexperia B.V. All rights reserved PBLS2002S Datasheet HTML 13Page - Nexperia B.V. All rights reserved PBLS2002S Datasheet HTML 14Page - Nexperia B.V. All rights reserved PBLS2002S Datasheet HTML 15Page - Nexperia B.V. All rights reserved PBLS2002S Datasheet HTML 16Page - Nexperia B.V. All rights reserved PBLS2002S Datasheet HTML 17Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
PBLS2002S_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 24 August 2009
13 of 16
NXP Semiconductors
PBLS2002S
20 V PNP BISS loadswitch
11. Soldering
Fig 20. Reflow soldering footprint SOT96-1 (SO8)
Fig 21. Wave soldering footprint SOT96-1 (SO8)
sot096-1_fr
occupied area
solder lands
Dimensions in mm
placement accuracy
± 0.25
1.30
0.60 (8
×)
1.27 (6
×)
4.00
6.60
5.50
7.00
sot096-1_fw
solder resist
occupied area
solder lands
Dimensions in mm
board direction
placement accurracy
± 0.25
4.00
5.50
1.30
0.3 (2
×)
0.60 (6
×)
1.20 (2
×)
1.27 (6
×)
7.00
6.60
enlarged solder land



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com