Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBLS4002D Datasheet(PDF) 14 Page - Nexperia B.V. All rights reserved

Part # PBLS4002D
Description  40 V PNP BISS loadswitch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PBLS4002D Datasheet(HTML) 14 Page - Nexperia B.V. All rights reserved

Back Button PBLS4002D Datasheet HTML 8Page - Nexperia B.V. All rights reserved PBLS4002D Datasheet HTML 9Page - Nexperia B.V. All rights reserved PBLS4002D Datasheet HTML 10Page - Nexperia B.V. All rights reserved PBLS4002D Datasheet HTML 11Page - Nexperia B.V. All rights reserved PBLS4002D Datasheet HTML 12Page - Nexperia B.V. All rights reserved PBLS4002D Datasheet HTML 13Page - Nexperia B.V. All rights reserved PBLS4002D Datasheet HTML 14Page - Nexperia B.V. All rights reserved PBLS4002D Datasheet HTML 15Page - Nexperia B.V. All rights reserved PBLS4002D Datasheet HTML 16Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
PBLS4002D_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 5 January 2009
13 of 15
NXP Semiconductors
PBLS4002D
40 V PNP BISS loadswitch
11. Revision history
Table 9.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PBLS4002D_3
20090105
Product data sheet
-
PBLS4002D_2
Modifications:
• The format of this data sheet has been redesigned to comply with the new identity
guidelines of NXP Semiconductors.
• Legal texts have been adapted to the new company name where appropriate.
• Figure 5, 9 and 10: amended
• Section 12 “Legal information”: updated
PBLS4002D_2
20050704
Product data sheet
-
PBLS4002D_1
PBLS4002D_1
20041201
Objective data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com