Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBLS6021D Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PBLS6021D
Description  60 V, 1.5 A PNP BISS loadswitch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PBLS6021D Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PBLS6021D Datasheet HTML 1Page - Nexperia B.V. All rights reserved PBLS6021D Datasheet HTML 2Page - Nexperia B.V. All rights reserved PBLS6021D Datasheet HTML 3Page - Nexperia B.V. All rights reserved PBLS6021D Datasheet HTML 4Page - Nexperia B.V. All rights reserved PBLS6021D Datasheet HTML 5Page - Nexperia B.V. All rights reserved PBLS6021D Datasheet HTML 6Page - Nexperia B.V. All rights reserved PBLS6021D Datasheet HTML 7Page - Nexperia B.V. All rights reserved PBLS6021D Datasheet HTML 8Page - Nexperia B.V. All rights reserved PBLS6021D Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Important notice
Dear Customer,
On 7 February 2017 the former NXP Standard Product business became a new company with the
tradename Nexperia. Nexperia is an industry leading supplier of Discrete, Logic and PowerMOS
semiconductors with its focus on the automotive, industrial, computing, consumer and wearable
application markets
In data sheets and application notes which still contain NXP or Philips Semiconductors references, use
the references to Nexperia, as shown below.
Instead of http://www.nxp.com, http://www.philips.com/ or http://www.semiconductors.philips.com/,
use http://www.nexperia.com
Instead of sales.addresses@www.nxp.com or sales.addresses@www.semiconductors.philips.com, use
salesaddresses@nexperia.com (email)
Replace the copyright notice at the bottom of each page or elsewhere in the document, depending on
the version, as shown below:
- © NXP N.V. (year). All rights reserved or © Koninklijke Philips Electronics N.V. (year). All rights
reserved
Should be replaced with:
- © Nexperia B.V. (year). All rights reserved.
If you have any questions related to the data sheet, please contact our nearest sales office via e-mail
or telephone (details via salesaddresses@nexperia.com). Thank you for your cooperation and
understanding,
Kind regards,
Team Nexperia


Similar Part No. - PBLS6021D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBLS6021D NXP-PBLS6021D Datasheet
116Kb / 16P
60 V, 1.5 A PNP BISS loadswitch
Rev. 01-12 August 2009
More results

Similar Description - PBLS6021D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBLS6002D PHILIPS-PBLS6002D Datasheet
135Kb / 16P
60 V PNP BISS loadswitch
Rev. 01-23 June 2005
PBLS6021D NXP-PBLS6021D Datasheet
116Kb / 16P
60 V, 1.5 A PNP BISS loadswitch
Rev. 01-12 August 2009
PBLS6022D NXP-PBLS6022D Datasheet
116Kb / 16P
60 V, 1.5 A PNP BISS loadswitch
Rev. 01-13 August 2009
PBLS6023D NXP-PBLS6023D Datasheet
116Kb / 16P
60 V, 1.5 A PNP BISS loadswitch
Rev. 01-13 August 2009
PBLS6024D NXP-PBLS6024D Datasheet
116Kb / 16P
60 V, 1.5 A PNP BISS loadswitch
Rev. 01-14 August 2009
logo
Nexperia B.V. All right...
PBLS6002D NEXPERIA-PBLS6002D Datasheet
260Kb / 17P
60 V PNP BISS loadswitch
Rev. 02 - 7 September 2009
PBLS6004D NEXPERIA-PBLS6004D Datasheet
259Kb / 17P
60 V PNP BISS loadswitch
Rev. 02 - 7 September 2009
PBLS6022D NEXPERIA-PBLS6022D Datasheet
231Kb / 17P
60 V, 1.5 A PNP BISS loadswitch
Rev. 01 - 13 August 2009
PBLS6023D NEXPERIA-PBLS6023D Datasheet
231Kb / 17P
60 V, 1.5 A PNP BISS loadswitch
Rev. 01 - 13 August 2009
PBLS6024D NEXPERIA-PBLS6024D Datasheet
231Kb / 17P
60 V, 1.5 A PNP BISS loadswitch
Rev. 01 - 14 August 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com