Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F648SCQB Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F648SCQB
Description  Octal Transceiver/Register with TRI-STATE Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F648SCQB Datasheet(HTML) 1 Page - National Semiconductor (TI)

  74F648SCQB Datasheet HTML 1Page - National Semiconductor (TI) 74F648SCQB Datasheet HTML 2Page - National Semiconductor (TI) 74F648SCQB Datasheet HTML 3Page - National Semiconductor (TI) 74F648SCQB Datasheet HTML 4Page - National Semiconductor (TI) 74F648SCQB Datasheet HTML 5Page - National Semiconductor (TI) 74F648SCQB Datasheet HTML 6Page - National Semiconductor (TI) 74F648SCQB Datasheet HTML 7Page - National Semiconductor (TI) 74F648SCQB Datasheet HTML 8Page - National Semiconductor (TI) 74F648SCQB Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TLF9580
December 1994
54F74F646
 74F646B  54F74F648
Octal TransceiverRegister with TRI-STATE
Outputs
General Description
These devices consist of bus transceiver circuits with TRI-
STATE D-type flip-flops and control circuitry arranged for
multiplexed transmission of data directly from the input bus
or from the internal registers Data on the A or B bus will be
clocked into the registers as the appropriate clock pin goes
to a high logic level Control G and direction pins are provid-
ed to control the transceiver function In the transceiver
mode data present at the high impedance port may be
stored in either the A or the B register or in both The select
controls can multiplex stored and real-time (transparent
mode) data The direction control determines which bus will
receive data when the enable control G is Active LOW In
the isolation mode (control G HIGH) A data may be stored
in the B register andor B data may be stored in the A regis-
ter
Features
Y
Independent registers for A and B buses
Y
Multiplexed real-time and stored data
Y
’F648 has inverting data paths
Y
’F646’F646B have non-inverting data paths
Y
’F646B is a faster version of the ’F646
Y
TRI-STATE outputs
Y
300 mil slim DIP
Y
Guaranteed 4000V minimum ESD protection
Commercial
Military
Package
Package Description
Number
74F646SPC
N24C
24-Lead (0300 Wide) Molded Dual-In-Line
54F646DM (Note 2)
J24F
24-Lead (0300 Wide) Ceramic Dual-In-Line
74F646SC (Note 1)
M24B
24-Lead (0300 Wide) Molded Small Outline JEDEC
74F646MSA (Note 1)
MSA24
24-Lead Molded Shrink Small Outline EIAJ Type II
54F646FM (Note 2)
W24C
24-Lead Cerpack
54F646LM (Note 2)
E28A
28-Lead Ceramic Leadless Chip Carrier Type C
74F646BSPC
N24C
24-Lead (0300 Wide) Molded Dual-In-Line
74F646BSC (Note 1)
M24B
24-Lead (0300 Wide) Molded Small Outline JEDEC
74F648SPC
N24C
24-Lead (0300 Wide) Molded Dual-In-Line
54F648SDM (Note 2)
J24F
24-Lead (0300 Wide) Ceramic Dual-In-Line
74F648SC (Note 1)
M24B
24-Lead (0300 Wide) Molded Small Outline JEDEC
54F648FM (Note 2)
W24C
24-Lead Cerpack
54F648LM (Note 2)
E28A
24-Lead Ceramic Leadless Chip Carrier Type C
Note 1
Devices also available in 13
reel Use suffix e SCX
Note 2
Military grade device with environmental and burn-in processing Use suffix e DMQB FMQB and LMQB
Logic Symbols
’F646’F646B
TLF9580 – 1
’F648
TLF9580 – 7
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A


Similar Part No. - 74F648SCQB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F648SC FAIRCHILD-74F648SC Datasheet
78Kb / 9P
Octal Transceiver/Register with 3-STATE Outputs
More results

Similar Description - 74F648SCQB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT245 NSC-54ABT245 Datasheet
261Kb / 10P
Octal Bidirectional Transceiver with TRI-STATE Outputs
54AC646 NSC-54AC646 Datasheet
193Kb / 10P
Octal Transceiver/Register with TRI-STATE Outputs
54F245DM NSC-54F245DM Datasheet
173Kb / 8P
Octal Bidirectional Transceiver with TRI-STATE Outputs
54FCT245 NSC-54FCT245 Datasheet
137Kb / 8P
Octal Bidirectional Transceiver with TRI-STATE Outputs
74FR245 NSC-74FR245 Datasheet
152Kb / 6P
Octal Bidirectional Transceiver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74AC646 FAIRCHILD-74AC646 Datasheet
72Kb / 10P
Octal Transceiver/Register with 3-STATE Outputs
74F646 FAIRCHILD-74F646 Datasheet
78Kb / 9P
Octal Transceiver/Register with 3-STATE Outputs
logo
National Semiconductor ...
74F2245 NSC-74F2245 Datasheet
112Kb / 6P
Octal Bidirectional Transceiver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74AC646 FAIRCHILD-74AC646_00 Datasheet
82Kb / 9P
Octal Transceiver/Register with 3-STATE Outputs
logo
ON Semiconductor
MC74AC652 ONSEMI-MC74AC652_15 Datasheet
94Kb / 10P
Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com