Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83C552 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 83C552
Description  Single-chip 8-bit microcontroller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

83C552 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 83C552 Datasheet HTML 5Page - NXP Semiconductors 83C552 Datasheet HTML 6Page - NXP Semiconductors 83C552 Datasheet HTML 7Page - NXP Semiconductors 83C552 Datasheet HTML 8Page - NXP Semiconductors 83C552 Datasheet HTML 9Page - NXP Semiconductors 83C552 Datasheet HTML 10Page - NXP Semiconductors 83C552 Datasheet HTML 11Page - NXP Semiconductors 83C552 Datasheet HTML 12Page - NXP Semiconductors 83C552 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Philips Semiconductors
Product specification
80C552/83C552
Single-chip 8-bit microcontroller
1998 Aug 13
9
Serial Control Register (S1CON) – See Table 2
CR2
ENS1
STA
STO
SI
AA
CR1
CR0
S1CON (D8H)
Bits CR0, CR1 and CR2 determine the serial clock frequency that is generated in the master mode of operation.
Table 2. Serial Clock Rates
BIT FREQUENCY (kHz) AT fOSC
CR2
CR1
CR0
6MHz
12MHz
16MHz
24MHz2
30MHz2
fOSC DIVIDED BY
0
0
0
23
47
62.5
94
117 1
256
0
0
1
27
54
71
107 1
134 1
224
0
1
0
31
63
83.3
125 1
156 1
192
0
1
1
37
75
100
150 1
188 1
160
1
0
0
6.25
12.5
17
25
31
960
1
0
1
50
100
133 1
200 1
250 1
120
1
1
0
100
200
267 1
400 1
500 1
60
1
1
1
0.24 < 62.5
0.49 < 62.5
0.65 < 55.6
0.98 < 50.0
1.22 < 52.1
96
× (256 – (reload value Timer 1))
0 < 255
0 < 254
0 < 253
0 <251
0 < 250
reload value Timer 1 in Mode 2.
NOTES:
1. These frequencies exceed the upper limit of 100kHz of the I2C-bus specification and cannot be used in an I2C-bus application.
2. At fOSC = 24MHz/ 30MHz the maximum I2C bus rate of 100kHz cannot be realized due to the fixed divider rates.
ABSOLUTE MAXIMUM RATINGS1, 2, 3
PARAMETER
RATING
UNIT
Storage temperature range
–65 to +150
°C
Voltage on any other pin to VSS
–0.5 to +6.5
V
Input, output DC current on any single I/O pin
5.0
mA
Power dissipation
(based on package heat transfer limitations, not device power consumption)
1.0
W
NOTES:
1. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any conditions other than those described in the AC and DC Electrical Characteristics section
of this specification is not implied.
2. This product includes circuitry specifically designed for the protection of its internal devices from the damaging effects of excessive static
charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying greater than the rated maxima.
3. Parameters are valid over operating temperature range unless otherwise specified. All voltages are with respect to VSS unless otherwise
noted.
DEVICE SPECIFICATIONS
SUPPLY VOLTAGE (V)
FREQUENCY (MHz)
TYPE
MIN
MAX
MIN
MAX
TEMPERATURE RANGE (
°C)
P83(0)C552EBx
4.5
5.5
3.5
16
0 to +70
P83(0)C552EFx
4.5
5.5
3.5
16
–40 to +85
P83(0)C552EHx
4.5
5.5
3.5
16
–40 to +125
P83(0)C552IBx
4.5
5.5
3.5
24
0 to +70
P83(0)C552IFx
4.5
5.5
3.5
24
–40 to +85
P83(0)C552KBx
4.5
5.5
3.5
30
0 to +70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com